Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE736 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE736
Description  Integrated Circuit FM IF Amp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE736 Datasheet(HTML) 2 Page - NTE Electronics

  NTE736 Datasheet HTML 1Page - NTE Electronics NTE736 Datasheet HTML 2Page - NTE Electronics NTE736 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TA = +25°C, V+ = 24V unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
DC Characteristics
Supply Voltage Operating Range
10
16
V
Supply Current
RL = ∞
11
16
19
mA
Power Dissipation
RL = ∞
190
230
mW
IL = 5mA
210
255
mW
Terminal Voltage Pin 1,2
IL = 5mA
1.4
V
Pin 3
2.6
V
Pin 5
2.0
V
Pin 6
7.2
7.8
8.3
V
Pin 7
2.0
V
AC Characteristics IF Amplifier (fo = 10.7MHz)
−3dB Limiting Threshold
900
µV
Output Voltage Swing
VIN = 100mV, RL = ∞
1.1
1.4
Vp−p
Voltage Gain
VOUT = 100mV
40
50
56
dB
Voltage Gain Change
−40
°C ≤ TA ≤ +25°C
6.0
dB
+25
°C ≤ TA ≤ +85°C
1.0
dB
Input Impedance
Parallel Input Resistance
Pin 1 to Pin 3
230
330
440
Parallel Input Capacitance
5.0
9.0
14
pF
Output Impedance
Parallel Output Resistance
Pin 5 to Ground
230
330
440
Parallel Output Capacitance
5.0
9.0
14
pF
Output Noise Voltage
5.0
mVRMS
AC Characteristics Regulator Section
Line Regulation (V6)
IL = 5mA, V+ = 10V to 6V
3.0
30
mV
Load Regulation (V6)
IL = 0 to 5mA
−10
mV
Temperature Coefficent (V6)
IL = 5mA, −40°C ≤ TA ≤ +85°C
−0.15
mV/
°C
Pin Connection Diagram
(+) VCC
1
2
3
4
IF Input
IF Input Decouple
IF Supply Decouple
GND
8
7
6
5
Low IF Output
Regulator Output
IF Output


Similar Part No. - NTE736

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE731 NTE-NTE731 Datasheet
78Kb / 3P
   Integrated Circuit TV Video Signal Processor
NTE734 NTE-NTE734 Datasheet
83Kb / 2P
   Integrated Circuit TV FM IF Gain Block
NTE738 NTE-NTE738 Datasheet
23Kb / 2P
   Integrated Circuit Color TV Processing Circuit
NTE739 NTE-NTE739 Datasheet
25Kb / 3P
   Integrated Circuit Dual Doubly Balanced Chroma Demodulator with RGB Matrix and Chroma Driver Stages
More results

Similar Description - NTE736

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1040 NTE-NTE1040 Datasheet
69Kb / 2P
   Integrated Circuit FM IF Amp
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
NTE1559 NTE-NTE1559 Datasheet
21Kb / 2P
   Integrated Circuit FM IF Amp, Demod
NTE1578 NTE-NTE1578 Datasheet
21Kb / 2P
   Integrated Circuit FM Mixer/IF Amp
NTE1054 NTE-NTE1054 Datasheet
19Kb / 2P
   Integrated Circuit FM/AM IF Amp
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1002 NTE-NTE1002 Datasheet
19Kb / 2P
   Integrated Circuit FM IF TV Amp
NTE1072 NTE-NTE1072 Datasheet
17Kb / 1P
   Integrated Circuit FM-AM IF Amp & AF Amp
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
NTE1527 NTE-NTE1527 Datasheet
82Kb / 2P
   Integrated Circuit FM, IF Amp/AFC & Meter Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com