Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1099 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1099
Description  Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1099 Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1099 Datasheet HTML 1Page - NXP Semiconductors TEA1099 Datasheet HTML 2Page - NXP Semiconductors TEA1099 Datasheet HTML 3Page - NXP Semiconductors TEA1099 Datasheet HTML 4Page - NXP Semiconductors TEA1099 Datasheet HTML 5Page - NXP Semiconductors TEA1099 Datasheet HTML 6Page - NXP Semiconductors TEA1099 Datasheet HTML 7Page - NXP Semiconductors TEA1099 Datasheet HTML 8Page - NXP Semiconductors TEA1099 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
1999 Apr 08
4
Philips Semiconductors
Product specification
Speech and handsfree IC with auxiliary
inputs/outputs and analog multiplexer
TEA1099H
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGM296
LINE CURRENT DETECTION
LOW VOLTAGE BEHAVIOUR
TX AND RX
ENVELOPE AND NOISE
DETECTORS
SUPPLY
MANAGEMENT
SWITCH
STARTER
AGC
ATT.
ATT.
GND
VBB
ESI
VDD
19
MICS
PD
10
9
20
38
AGC
LN
13
18
15
REG
SLPE
16
14
Tail currents for preamps
HFTX
36
TSEN
4
TENV
3
TNOI
2
RNOI
5
RENV
7
RSEN
6
LSAO
12
DLC
8
GALS
11
TXAUX
43
MIC
+ 31
MIC
− 30
DTMF
32
POWER-DOWN
CURRENT SOURCES
ANALOG
MULTIPLEXER
CONTROL
BUFFERS
AND
COMPARATORS
DYNAMIC
LIMITER
DUCO LOGIC
SWT STATUS
VOICE
SWITCH
VOLUME
CONTROL
HFC
37
MUTT
39
MUTR
40
AUXC
41
GATX
27
TXOUT
26
SWT
24
IDT
25
STAB
21
SWR
22
VOL
23
HFRX
1
IR
17
RAUX
42
GNDTX
29
TXIN
28
AUXO
44
RECO
35
QR
33
GARX
34
TEA1099H
D6


Similar Part No. - TEA1099

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Similar Description - TEA1099

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
   Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
ams AG
AS2520 AMSCO-AS2520 Datasheet
96Kb / 14P
   Telephone Speech Circuit with Loudhearing and Handsfree
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com