Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5DS4M32EG Datasheet(PDF) 6 Page - NanoAmp Solutions, Inc.

Part # NT5DS4M32EG
Description  1M 횞 32 Bits 횞 4 Banks Double Data Rate Synchronous RAM With Bi-Directional Data Strobe and DLL
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

NT5DS4M32EG Datasheet(HTML) 6 Page - NanoAmp Solutions, Inc.

Back Button NT5DS4M32EG Datasheet HTML 2Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 3Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 4Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 5Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 6Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 7Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 8Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 9Page - NanoAmp Solutions, Inc. NT5DS4M32EG Datasheet HTML 10Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Doc # 14-02-045 Rev A ECN 01-1118
6
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
NT5DS4M32EG
Advance Information
FUNCTIONAL DESCRIPTION
Power-Up Sequence
DDR SDRAMs must be powered up and initialized in a predefined manner to prevent undefined operations.
1. Apply power and keep CKE at low state (All other inputs may be undefined)
- Apply VDD before or at the same time as VDDQ.
- Apply VDDQ before or at the same time as VREF & VTT
2. Start clock and maintain stable condition for minimum 200µs
3. The minimum of 200µs after stable power and clock (CK,/CK), apply NOP and CKE to be high.
4. Issue precharge command for all banks of the device.
5. Issue a EMRS command to enable DLL
*1
6. Issue a MRS command to reset DLL. The additional 200 clock cycles are required to lock the DLL.
*1,2 7. Issue precharge command for all banks of the device.
8. Issue at least 2 or more auto-refresh commands.
9. Issue a mode register set command with A8 to low to initialize the mode register.
*1 Every “DLL Enable” command resets DLL. Therefore sequence 6 can be skipped during power-up.
Instead of it, the additional 200cycles of clock input is required to lock the DLL after enabling DLL.
*2 Sequence of 6 & 7 is regardless of the order.
Figure 4: Power-Up & Initialization Sequence
/CK
CK
tRP
2Clock
min.
2Clock
min.
tRP
tRFC
tRFC
2Clock
min.
Precharge
ALL Banks
EMRS
MRS
DLL Reset
Precharge
ALL Banks
1st Auto
Refresh
2nd Auto
Refresh
Mode
Register Set
Any
Command
200 Clock min.
Command
Inputmustbe
stable for 200us
/CK
CK
tRP
2Clock
min.
2Clock
min.
tRP
tRFC
tRFC
2Clock
min.
Precharge
ALL Banks
EMRS
MRS
DLL Reset
Precharge
ALL Banks
1st Auto
Refresh
2nd Auto
Refresh
Mode
Register Set
Any
Command
200 Clock min.
Command
Inputmustbe
stable for 200us


Similar Part No. - NT5DS4M32EG

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
NT5DS16M16CS NANOAMP-NT5DS16M16CS Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CS-5T NANOAMP-NT5DS16M16CS-5T Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CS-6K NANOAMP-NT5DS16M16CS-6K Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CT NANOAMP-NT5DS16M16CT Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
NT5DS16M16CT-5T NANOAMP-NT5DS16M16CT-5T Datasheet
2Mb / 76P
   256Mb DDR Synchronous DRAM
More results

Similar Description - NT5DS4M32EG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D26323RA SAMSUNG-K4D26323RA Datasheet
303Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238M SAMSUNG-K4D263238M Datasheet
281Kb / 19P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous RAM with Bi-directional Data Strobe and DLL
K4D263238F SAMSUNG-K4D263238F Datasheet
237Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238D SAMSUNG-K4D263238D Datasheet
239Kb / 18P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238E SAMSUNG-K4D263238E Datasheet
310Kb / 17P
   1M x 32Bit x 4 Banks Graphic Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
logo
Winbond
W9412G2IB WINBOND-W9412G2IB Datasheet
832Kb / 50P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com