Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1103T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1103T
Description  Fast charge ICs for NiCd and NiMH batteries
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1103T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1103T Datasheet HTML 4Page - NXP Semiconductors TEA1103T Datasheet HTML 5Page - NXP Semiconductors TEA1103T Datasheet HTML 6Page - NXP Semiconductors TEA1103T Datasheet HTML 7Page - NXP Semiconductors TEA1103T Datasheet HTML 8Page - NXP Semiconductors TEA1103T Datasheet HTML 9Page - NXP Semiconductors TEA1103T Datasheet HTML 10Page - NXP Semiconductors TEA1103T Datasheet HTML 11Page - NXP Semiconductors TEA1103T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1999 Jan 27
8
Philips Semiconductors
Preliminary specification
Fast charge ICs for NiCd and NiMH
batteries
TEA1103; TEA1103T;
TEA1103TS
To avoid modulation on the output voltage, the top-off
charge current is DC regulated, defined by the following
equation:
(3)
where:
(4)
The top-off charge current will be approximately 0.15CA,
which maximizes the charge in the battery under safe and
slow charging conditions. The top-off charge period will be
approximately one hour, so the battery will be extra
charged with approximately 0.15 Q. In this way the battery
is fully charged before the system switches over to
standby.
When pin 1 (Vstb) is connected to VS, or no NTC is
connected the system compensates the (self) discharge of
the battery by trickle charge. The trickle charge current will
be pulsating, defined by the following equation:
(5)
During the non current periods at trickle charge the charge
current is regulated to zero, so that the current for a load
connected in series across the battery with the sense
resistor will be supplied by the power supply and not by the
battery.
If at pin 1 (Vstb) a reference voltage is set in accordance
with the specification, and no NTC is connected the charge
mode will switch over from current to voltage regulation
after top-off. The reference regulating voltage can be
adjusted to the battery characteristic by external resistors
connected to pin Vstb.
This reference voltage has to be selected in such a way
that it equals the rest voltage of the battery. By using
voltage regulation, the battery will not be discharged at a
load occurrence. If the Vstb input pin is floating, the
TEA1103x will apply voltage regulation at 1.325 V during
the standby mode (NiCd and NiMH). The current during
voltage regulation is limited to 0.5CA. If the battery charge
current is maximized to 0.5CA for more than 2 hours
charging will be stopped. Moreover, if the temperature
exceeds Tmax, charging will be stopped completely.
As voltage regulation is referred to one cell, the voltage on
the Vbat pin must be the battery voltage divided by the
number of cells (NiCd and NiMH).
When charging, the standby mode can only be entered
after a certain period of time depending on time-out.
To support full test of the TEA1103x at application, the
standby mode is also entered when Vbat <Vbat(l) at top-off.
I
top
off
R
sense
×
R
b
310
6
×
×
=
t
top
off
2
27
TOD
×
t
osc
×
=
I
trickle
R
sense
×
R
b
15
16
------
×
10
6
×
=
Timer
The timing of the circuit is controlled by the oscillator
frequency.
The timer block defines the maximum charging time by
‘time-out’. At a fixed oscillator frequency, the time-out time
can be adapted by the Programmable Time-out Divider
(PTD) using the following equation.
(6)
The time-out timer is put on hold by low voltage,
temperature protection and during the inhibit mode.
The Programmable Oscillator Divider (POD) enables the
oscillator frequency to be increased without affecting
the sampling time and time-out. Raising the oscillator
frequency will reduce the size of the inductive components
that are used.
At fast charging, after battery insertion, after refresh or
supply interruption, the full detector will be disabled for a
period of time to allow a proper start with flat or inverse
polarized batteries. This hold-off period is disabled at fast
charging by raising pin Vstb to above ±5 V (once).
So for test options it is possible to slip the hold-off period.
The hold-off time is defined by the following equation:
(7)
Table 2 gives an overview of the settings of timing and
discharge/charge currents.
t
time
out
2
26
POD
×
PTD
×
t
osc
×
=
t
hold
off
2
5
t
time
out
×
=


Similar Part No. - TEA1103T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
More results

Similar Description - TEA1103T

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
NXP Semiconductors
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
logo
TEMIC Semiconductors
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Texas Instruments
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com