Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2562A Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2562A
Description  PCMCIA/CardBus Socket Power Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2562A Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2562A_04 Datasheet HTML 4Page - Micrel Semiconductor MIC2562A_04 Datasheet HTML 5Page - Micrel Semiconductor MIC2562A_04 Datasheet HTML 6Page - Micrel Semiconductor MIC2562A_04 Datasheet HTML 7Page - Micrel Semiconductor MIC2562A_04 Datasheet HTML 8Page - Micrel Semiconductor MIC2562A_04 Datasheet HTML 9Page - Micrel Semiconductor MIC2562A_04 Datasheet HTML 10Page - Micrel Semiconductor MIC2562A_04 Datasheet HTML 11Page - Micrel Semiconductor MIC2562A_04 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC2562A
Micrel
June 2004
8
M9999-062204
Applications Information
PC Card V
CC and VPP control is easily accomplished using
the MIC2562A PC Card/CardBus slot V
CC and VPP power
controller IC. Four control bits determine V
CC OUT and
V
PP OUT voltage and standby/operate mode condition. VCC
outputs of 3.3V and 5V at the maximum allowable PC Card
current are supported. V
PP OUT output voltages of VCC (3.3V
or 5V), V
PP, 0V, or a high impedance state are available.
When the V
CC clamped to ground condition is selected, the
device switches into “sleep” mode and draws only nano-
amperes of leakage current. An error flag alerts the user if the
output voltage is too low because of overtemperature or
overcurrent faults. Protection from hot switching is provided
which prevents feedback from the V
CC OUT (from 5V to 3.3V,
for example), by locking out the low-voltage switch until the
initial switch’s gate voltage drops below the desired lower
V
CC.
The MIC2562A operates from the computer system’s main
power supply. Device logic and internal MOSFET drive is
generated internally by charge pump voltage multipliers
powered from V
CC3 IN. Switching speeds are carefully con-
trolled to prevent damage to sensitive loads and meet all PC
Card specification speed requirements.
Supply Bypassing
External capacitors are not required for operation. The
MIC2562A is a switch and has no stability problems. For best
results however, bypass V
CC3 IN, VCC5 IN, and VPP IN inputs
with 1
µF capacitors to improve output ripple. As all internal
device logic and comparison functions are powered from the
V
CC3 IN line, the power supply quality of this line is the most
important, and a bypass capacitor may be necessary for
some layouts. Both V
CC OUT and VPP OUT pins may use
0.01
µF to 0.1µF capacitors for noise reduction and electro-
static discharge (ESD) damage prevention. Larger values of
output capacitors are not necessary.
PC Card Slot Implementation
The MIC2562A is designed for full compatibility with the
PCMCIA PC Card Specification (March 1995), including the
CardBus option. One MIC2562A is required for each PC Card
slot.
When a memory card is initially inserted, it should receive
V
CC (either 3.3V ± 0.3V or 5.0V ±5%). The initial voltage is
determined by a combination of mechanical socket “keys”
and voltage sense pins. The card sends a handshaking data
stream to the controller, which then determines whether or
not this card requires V
PP and if the card is designed for dual
V
CC. If the card is compatible with and desires a different VCC
level, the controller commands this change by disabling V
CC,
waiting at least 100ms, and then re-enabling the other V
CC
voltage.
V
CC switches are turned ON and OFF slowly. If commanded
to immediately switch from one V
CC to the other (without
turning OFF and waiting 100ms first), enhancement of the
second switch begins after the first is OFF, realizing break-
before-make protection. V
PP switches are turned ON slowly
and OFF quickly, which also prevents cross conduction.
If no card is inserted or the system is in sleep mode, the slot
logic controller outputs a (V
CC3 IN, VCC5 IN) = (0,0) to the
MIC2562A, which shuts down V
CC. This also places the
switch into a high impedance output shutdown (sleep) mode,
where current consumption drops to nearly zero, with only
tiny CMOS leakage currents flowing.
Internal device control logic, MOSFET drive and bias voltage
is powered from V
CC3 IN. The high voltage bias is generated
by an internal charge pump quadrupler. Systems without
3.3V may connect V
CC3 IN to 5V. Input logic threshold
voltages are compatible with common PC Card logic control-
lers using either 3.3V or 5V supplies.
The PC Card specification defines two V
PP supply pins per
card slot. The two V
PP supply pins may be programmed to
different voltages. V
PP is primarily used for programming
Flash memory cards. Implementing two independent V
PP
voltages is easily accomplished with the MIC2562A and a
MIC2557 PCMCIA V
PP switching matrix. Figure 3 shows this
full configuration, supporting independent V
PP and both 5.0V
and 3.3V V
CC operation. However, few logic controllers
support multiple V
PP — most systems connect VPP1 to VPP2
and the MIC2557 is not required. This circuit is shown in
Figure 4.
During flash memory programming with standard (+12V)
flash memories, the PC Card slot logic controller outputs a
(0,1) to the EN0, EN1 control pins of the MIC2562A, which
connects V
PP IN (nominally +12V) to VPP OUT. The low on
resistance of the MIC2562A switch allows using a small
bypass capacitor on the V
PP OUT pins, with the main filtering
action performed by a large filter capacitor on V
PP IN (usually
the main power supply filter capacitor is sufficient). Using a
small-value capacitor such as 0.1
µF on the output causes
little or no timing delays. The V
PP OUT transition from VCC to
12.0V typically takes 250
µs. After programming is com-
pleted, the controller outputs a (EN1, EN0) = (0,1) to the
MIC2562A, which then reduces V
PP OUT to the VCC level.
Break-before-make switching action and controlled rise times
reduces switching transients and lowers maximum current
spikes through the switch.
Figure 5 shows MIC2562A configuration for situations where
only a single +5V V
CC is available.
Output Current and Protection
MIC2562A output switches are capable of passing the maxi-
mum current needed by any PC Card. The MIC2562A meets or
exceeds all PCMCIA specifications. For system and card
protection, output currents are internally limited. For full system
protection, long term (millisecond or longer) output short circuits
invoke overtemperature shutdown, protecting the MIC2562A,
the system power supplies, the card socket pins, and the PC
Card. A final protective feature is the error FLAG, which signals
the PC Card slot logic controller when a fault condition exists,
allowing the controller to notify the user that the card inserted
has a problem. The open-drain FLAG monitors the voltage level
on both V
CC OUT and VPP OUT and activates (pulls low) when
either output is 1V below its programmed level or an
overtemperature fault exists.
This FLAG signals output voltage transitions as well as fault
conditions. Refer to Figures 1 and 2 for details.


Similar Part No. - MIC2562A_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A-0BM MICREL-MIC2562A-0BM Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
More results

Similar Description - MIC2562A_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
OKI electronic componet...
MSM60808 OKI-MSM60808 Datasheet
354Kb / 92P
   PCI to PCMCIA R2.1/CardBus Controller (PPCC)
logo
List of Unclassifed Man...
VT83C469 ETC-VT83C469 Datasheet
156Kb / 36P
   PCMCIA Socket Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com