Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2566-1YM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2566-1YM
Description  Single-Slot PC Card/CardBus Power Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2566-1YM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2566-1YM Datasheet HTML 1Page - Micrel Semiconductor MIC2566-1YM Datasheet HTML 2Page - Micrel Semiconductor MIC2566-1YM Datasheet HTML 3Page - Micrel Semiconductor MIC2566-1YM Datasheet HTML 4Page - Micrel Semiconductor MIC2566-1YM Datasheet HTML 5Page - Micrel Semiconductor MIC2566-1YM Datasheet HTML 6Page - Micrel Semiconductor MIC2566-1YM Datasheet HTML 7Page - Micrel Semiconductor MIC2566-1YM Datasheet HTML 8Page - Micrel Semiconductor MIC2566-1YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
May 2003
5
MIC2566
MIC2566
Micrel
Timing Diagram
5V
3.3V
0
0
AB
C
D
VPP
OFF
VPP
OFF
VPP to 5V
VPP to 3.3V
VPP
Enable
VPP
OUT
t2
t6
t4
t8
t3
t1
t5
t7
FLAG
0
Figure 1. MIC2566 V
PP Timing Diagram
Note.
V
PP Enable is shown generically. Refer to the logic tables on the next page for specific control logic input. At time A, VPP = 3.3V. At B, VPP is
disabled. At C, V
PP is programmed to 5V. At D, VPP is disabled. RL = 100Ω for all measurements. Load capacitance is negligible.
11
AB
C
D
t
tt
t
t
t
t
t
VCC
Enable
VCC
OUT
FLAG
VCC to 3.3V
VCC to 5V
VCC OFF
VCC OFF
0
5V
3.3V
0
0
9
15
13
10
12
16
14
Figure 2. MIC2566 V
CC Timing Diagram
Note.
V
CC Enable is shown generically. Refer to the logic tables on the next page for specific control logic input. At time A, VCC is programmed to
3.3V. At B, V
CC is disabled. At C, VCC is programmed to 5V. And at D, VCC is disabled. RL = 100Ω. FLAG pull-up resistor is 10kΩ to VCC3 IN.


Similar Part No. - MIC2566-1YM

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC2566-1YM MIC-MIC2566-1YM Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
More results

Similar Description - MIC2566-1YM

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MIC2566 MIC-MIC2566_11 Datasheet
84Kb / 10P
   Single-Slot PC Card/CardBus Power Controller Preliminary
logo
Micrel Semiconductor
MIC2568 MICREL-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller
logo
MIC GROUP RECTIFIERS
MIC2568 MIC-MIC2568 Datasheet
116Kb / 10P
   Dual-Slot PC Card/CardBus Power Controller Preliminary
logo
List of Unclassifed Man...
OZ6912 ETC-OZ6912 Datasheet
140Kb / 14P
   Single-Slot ACPI CardBus Controller
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
G574 GMT-G574_06 Datasheet
357Kb / 16P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com