Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4720YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4720YML
Description  3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4720YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4720YML Datasheet HTML 5Page - Micrel Semiconductor MIC4720YML Datasheet HTML 6Page - Micrel Semiconductor MIC4720YML Datasheet HTML 7Page - Micrel Semiconductor MIC4720YML Datasheet HTML 8Page - Micrel Semiconductor MIC4720YML Datasheet HTML 9Page - Micrel Semiconductor MIC4720YML Datasheet HTML 10Page - Micrel Semiconductor MIC4720YML Datasheet HTML 11Page - Micrel Semiconductor MIC4720YML Datasheet HTML 12Page - Micrel Semiconductor MIC4720YML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Micrel, Inc.
MIC4720
May 2007
9
M9999-051707
Pin Description
VIN
Two pins for VIN provide power to the source of the
internal P-channel MOSFET along with the current
limiting sensing. The VIN operating voltage range is from
2.7V to 5.5V. Due to the high switching speeds, a 10µF
capacitor is recommended close to VIN and the power
ground (PGND) for each pin for bypassing. Please refer
to layout recommendations.
BIAS
The bias (BIAS) provides power to the internal reference
and control sections of the MIC4720. A 10Ω resistor
from VIN to BIAS and a 0.1µF from BIAS to SGND is
required for clean operation.
EN
The enable pin provides a logic level control of the
output. In the off state, supply current of the device is
greatly reduced (typically <1µA). Do not drive the enable
pin above the supply voltage.
FB
The feedback pin (FB) provides the control path to
control the output. For adjustable versions, a resistor
divider connecting the feedback to the output is used to
adjust the desired output voltage. The output voltage is
calculated as follows:
+
×
=
1
R2
R1
V
V
REF
OUT
where VREF is equal to 1.0V.
A feedforward capacitor is recommended for most
designs using the adjustable output voltage option. To
reduce current draw, a 10K feedback resistor is
recommended from the output to the FB pin (R1). Also, a
feedforward capacitor should be connected between the
output and feedback (across R1). The large resistor
value and the parasitic capacitance of the FB pin can
cause a high frequency pole that can reduce the overall
system phase margin. By placing a feedforward
capacitor, these effects can be significantly reduced.
Feedforward capacitance (CFF) can be calculated as
follows:
200kHz
R1
2
1
CFF
×
×
=
π
SW
The switch (SW) pin connects directly to the inductor
and provides the switching current necessary to operate
in PWM mode. Due to the high speed switching on this
pin, the switch node should be routed away from
sensitive nodes. This pin also connects to the cathode of
the free-wheeling diode.
PGOOD
Power good is an open drain pull down that indicates
when the output voltage has reached regulation. For a
power good low, the output voltage is within ±10% of the
set regulation voltage. For output voltages greater or
less than 10%, the PGOOD pin is high. This should be
connected to the input supply through a pull up resistor.
A delay can be added by placing a capacitor from
PGOOD to ground.
PGND
Power ground (PGND) is the ground path for the
MOSFET drive current. The current loop for the power
ground should be as small as possible and separate
from the Signal ground (SGND) loop. Refer to the layout
considerations for more details.
SGND
Signal ground (SGND) is the ground path for the biasing
and control circuitry. The current loop for the signal
ground should be separate from the power ground
(PGND) loop. Refer to the layout considerations for more
details.


Similar Part No. - MIC4720YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4721 MICREL-MIC4721 Datasheet
821Kb / 19P
   1.5A 2MHz Integrated Switch Buck Regulator
MIC4721YMM MICREL-MIC4721YMM Datasheet
821Kb / 19P
   1.5A 2MHz Integrated Switch Buck Regulator
MIC4722 MICREL-MIC4722 Datasheet
572Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
MIC4722YML MICREL-MIC4722YML Datasheet
572Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
MIC4722YML MICREL-MIC4722YML Datasheet
580Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
More results

Similar Description - MIC4720YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2208 MICREL-MIC2208_10 Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
MIC4722 MICREL-MIC4722_10 Datasheet
580Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
logo
Enpirion, Inc.
EP5388QI ENPIRION-EP5388QI Datasheet
300Kb / 14P
   800mA Synchronous Buck Regulator With Integrated Inductor 3mm x 3mm x 1.1mm Package
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
MIC4722 MICREL-MIC4722 Datasheet
572Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
   600mA Low Vin Buck Regulator in 3mm x 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com