Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2212-DOYML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2212-DOYML
Description  Dual 關Cap LDO and Power-On Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2212-DOYML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2212-DOYML Datasheet HTML 2Page - Micrel Semiconductor MIC2212-DOYML Datasheet HTML 3Page - Micrel Semiconductor MIC2212-DOYML Datasheet HTML 4Page - Micrel Semiconductor MIC2212-DOYML Datasheet HTML 5Page - Micrel Semiconductor MIC2212-DOYML Datasheet HTML 6Page - Micrel Semiconductor MIC2212-DOYML Datasheet HTML 7Page - Micrel Semiconductor MIC2212-DOYML Datasheet HTML 8Page - Micrel Semiconductor MIC2212-DOYML Datasheet HTML 9Page - Micrel Semiconductor MIC2212-DOYML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MIC2212
Micrel, Inc.
M9999-022106
8
February 2006
Enable Characteristics
Time (100µs/div)
C
IN = 1µF
C
OUT = 1µF Ceramic
C
BYP = 0.01µF
V
IN = 3.8V
Power-On Reset Characteristics
Time (2ms/div)
C
IN = 1µF
C
OUT = 1µF Ceramic
C
SET = 0.01µF
C
BYP = 0.01µF
V
IN = 5V
Load Transient Response (LDO 2)
Time (4µs/div)
C
IN = 1µF
C
OUT = 1µF
C
BYP = 0.01µF
V
IN = VOUT +1V
300mA
100µA
Load Transient Response (LDO 1)
Time (4µs/div)
C
IN = 1µF
C
OUT = 1µF
C
BYP = 0.01µF
V
IN = VOUT +1V
150mA
100µA
Functional Characteristics


Similar Part No. - MIC2212-DOYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2212-1.85BML MICREL-MIC2212-1.85BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-1.8BML MICREL-MIC2212-1.8BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.6BML MICREL-MIC2212-2.6BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.7BML MICREL-MIC2212-2.7BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.85BML MICREL-MIC2212-2.85BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
More results

Similar Description - MIC2212-DOYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5249 MICREL-MIC5249_12 Datasheet
217Kb / 7P
   300mA 關Cap LDO with Programmable Power-On Reset Delay
MIC2212 MICREL-MIC2212 Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC2210 MICREL-MIC2210_06 Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com