Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML920J45S Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # ML920J45S
Description  1550,1520nm InGaAsP FP LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML920J45S Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML920J45S Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML920J45S Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML920J45S Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MITSUBISHI LASER DIODES
ML9xx45 SERIES
1550,1520nm InGaAsP FP LASER DIODES
TYPE
NAME
ML920J45S , ML920K45S, ML920Y45S
ML925B45F , ML925C45F
DESCRIPTION
ML9XX45 series are InGaAsP laser diodes which provide
a stable, single transverse mode oscillation with emission
wavelength of 1550nm and standard continuous light output
of 5mW.
ML9XX45 are hermetically sealed devices having the photo
diode for optical output monitoring. This is suitable for such
applications as FTTH (Fiber to the Home)systems.
FEATURES
•1550 or 1520nm typical emission wavelength, FP-LDs
•Low threshold current, low operating current
•Wide temperature range operation
(Tc=-40 to 85deg.C)
•φ5.6mm TO-CA N package
Flat window cap : ML920J45S, ML925B45F
Ball lens cap : ML920K45S, ML925C45F, ML920Y45S
APPLICATION
~155Mbps FTTH system
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Conditions
Ratings
Unit
Po
Light output power
CW
6[4]
mW
VRL
Laser reverse voltage
-
2
V
VRD
PD reverse voltage
-
20
V
IFD
PD forward current
-
2
mA
Tc
Operation temperature
-
-40 to +85
deg.C
Tstg
Storage temperature
-
-40 to +100
deg.C
ELECTRICAL/OPTICAL CHARACTERISTICS(Tc=25oC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Ith
Threshold current
CW
3
10
20
mA
Iop
Operation current
CW, Po=5mW[3mW]
10
30
50
mA
Vop
Operating voltage
CW, Po=5mW[3mW]
---
1.1
1.5
V
η
Slope efficiency
CW, Po=5mW[3mW]
0.15[0.1]
0.25[0.2]
0.5
mW/mA
-01spec
1520
1550
1580
λc
Center wavelength
CW, Po=5mW[3mW]
-02spec
1495
1520
1544
nm
∆λ
Spectral Width
CW, Po=5mW, [3mW]RMS(-20dB)
---
1.5
3
nm
θ∥
Beam divergence angle(parallel)
CW, Po=5mW[3mW]
---
25[11]
---
deg.
θ⊥
Beam divergence angle
(perpendicular)
CW, Po=5mW[3mW]
---
30[11]
---
deg.
tr,tf
Rise and Fall time (10%-90%)
Ib=Ith,Po=5mW [3mW],10-90%
---
0.3
0.7
nsec
Im
Monitor Current (PD)
CW, Po=5mW[3mW], VRD=1V,
0.1
0.5
1.0
mA
Id
Dark Current (PD)
VRD=10V
---
---
0.1
µA
Ct
Capacitance (PD)
VRD=10V, f=1MHz
---
10
20
pF
Pf(Note2)
CW, PL=3mW,SI10/125
0.2
0.5
---
mW
ML920K45S
ML925C45F
5.0
5.8
6.2
Df(Note2)
Fiber Coupling characteristics
at peak coupling<3>
CW, PL=3mW
SI10/125
ML920Y45S
6.0
6.5
7.0
mm
Note : <1> [ ]applied to the lens cap type.
Note : <2> Pf,Df are applied to the ball lens type.
Note : <3> Df is a distance between reference plane of the base to the fiber.
MITSUBISHI
ELECTRIC
May 2004
Notice: Some parametric limits are subject to change.


Similar Part No. - ML920J45S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML920J40S MITSUBISHI-ML920J40S Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML920J40S-01 MITSUBISHI-ML920J40S-01 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML920J40S-04 MITSUBISHI-ML920J40S-04 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML920J40S-05 MITSUBISHI-ML920J40S-05 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML920J40S-06 MITSUBISHI-ML920J40S-06 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
More results

Similar Description - ML920J45S

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX45 MITSUBISHI-ML7XX45 Datasheet
199Kb / 3P
   1310nm InGaAsP FP LASER DIODES
ML7XX8 MITSUBISHI-ML7XX8 Datasheet
163Kb / 3P
   InGaAsP-MQW-FP LASER DIODES
ML9XX6 MITSUBISHI-ML9XX6 Datasheet
118Kb / 3P
   InGaAsP-MQW-FP LASER DIODES?
ML7XX19 MITSUBISHI-ML7XX19 Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
ML7XX12 MITSUBISHI-ML7XX12 Datasheet
74Kb / 2P
   InGaAsP-MQW-FP LASER DIODES ARRATS
logo
Hitachi Semiconductor
HL1326MF HITACHI-HL1326MF Datasheet
40Kb / 7P
   InGaAsP Laser Diodes
logo
Mitsubishi Electric Sem...
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML9XX16 MITSUBISHI-ML9XX16 Datasheet
167Kb / 3P
   InGaAsP DFB LASER DIODES
ML7XX11 MITSUBISHI-ML7XX11 Datasheet
144Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES?
ML9XX12 MITSUBISHI-ML9XX12 Datasheet
138Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com