Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C1024-70 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM27C1024-70
Description  1 Megabit (65 K x 16-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C1024-70 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM27C1024-70 Datasheet HTML 4Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 5Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 6Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 7Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 8Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 9Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 10Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 11Page - Advanced Micro Devices AM27C1024-70 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Am27C1024
9
TEST CONDITIONS
Table 1.
Test Specifications
SWITCHING TEST WAVEFORM
KEY TO SWITCHING WAVEFORMS
2.7 k
CL
6.2 k
5.0 V
Device
Under
Test
06780J-7
Figure 3.
Test Setup
Note:
Diodes are IN3064 or equivalents.
Test Condition
-55
All
others
Unit
Output Load
1 TTL gate
Output Load Capacitance, CL
(including jig capacitance)
30
100
pF
Input Rise and Fall Times
≤ 20
ns
Input Pulse Levels
0.0–3.0
0.45–2.4
V
Input timing measurement
reference levels
1.5
0.8, 2.0
V
Output timing measurement
reference levels
1.5
0.8, 2.0
V
2.4 V
0.45 V
Input
Output
Test Points
2.0 V
2.0 V
0.8 V
0.8 V
06780J-8
Note: For CL = 100 pF.
3 V
0 V
Input
Output
1.5 V
1.5 V
Test Points
Note: For CL = 30 pF.
KS000010-PAL
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)


Similar Part No. - AM27C1024-70

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120 AMD-AM27C128-120 Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DC AMD-AM27C128-120DC Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DCB AMD-AM27C128-120DCB Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
AM27C128-120DE AMD-AM27C128-120DE Datasheet
171Kb / 12P
   112dB 192kHz 24-BIT SCH DAC
More results

Similar Description - AM27C1024-70

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
logo
ATMEL Corporation
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
   1-Megabit 64K x 16 OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
   1-Megabit (64K x 16) OTP EPROM
logo
Advanced Micro Devices
AM27X2048 AMD-AM27X2048 Datasheet
136Kb / 10P
   2 Megabit (128 K x 16-Bit) CMOS ExpressROM Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com