Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1114A Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA1114A
Description  Low voltage telephone transmission circuit with dialler interface and regulated strong supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1114A Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1114A Datasheet HTML 6Page - NXP Semiconductors TEA1114A Datasheet HTML 7Page - NXP Semiconductors TEA1114A Datasheet HTML 8Page - NXP Semiconductors TEA1114A Datasheet HTML 9Page - NXP Semiconductors TEA1114A Datasheet HTML 10Page - NXP Semiconductors TEA1114A Datasheet HTML 11Page - NXP Semiconductors TEA1114A Datasheet HTML 12Page - NXP Semiconductors TEA1114A Datasheet HTML 13Page - NXP Semiconductors TEA1114A Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2000 Mar 21
10
Philips Semiconductors
Product specification
Low voltage telephone transmission circuit with
dialler interface and regulated strong supply
TEA1114A
Automatic gain control (pin AGC)
The TEA1114A performs automatic line loss
compensation. The automatic gain control varies the gain
of the microphone amplifier and the gain of the receive
amplifier in accordance with the DC line current.
The control range is 6.0 dB (which corresponds
approximately to a line length of 5 km for a 0.5 mm
diameter twisted-pair copper cable with a DC resistance of
176
Ω/km and an average attenuation of 1.2 dB/km).
The IC can be used with different configurations of feeding
bridge (supply voltage and bridge resistance) by
connecting an external resistor RAGC between pins
AGC and VEE. This resistor enables the Istart and Istop line
currents to be increased (the ratio between Istart and Istop is
not affected by the resistor). The AGC function is disabled
when pin AGC is left open-circuit.
Mute function (pin MUTE)
The mute function performs the switching between the
speech mode and the dialling mode.
When MUTE is LOW, the DTMF input is enabled and the
microphone and receive amplifier inputs are disabled.
In this mode, the DTMF tones are sent to the receive
output at a low level (confidence tone).
When MUTE is HIGH, the microphone and receiving
amplifiers inputs are enabled while the DTMF input is
disabled. The MUTE input is provided with an internal
pull-up current source to VCC.
Sidetone suppression
The TEA1114A anti-sidetone network comprising
RCC // Zline, Rast1, Rast2, Rast3, RSLPE and Zbal (see Fig.9)
suppresses the transmitted signal in the earpiece.
Maximum compensation is obtained when the following
conditions are fulfilled:
The scale factor k is chosen to meet the compatibility with
a standard capacitor from the E6 or E12 range for Zbal.
In practice, Zline varies considerably with the line type and
the line length. Therefore, the value of Zbal should be for an
average line length which gives satisfactory sidetone
suppression with short and long lines. The suppression
also depends on the accuracy of the match between Zbal
and the impedance of the average line.
The anti-sidetone network for the TEA1114A attenuates
the receiving signal from the line by 32 dB before it enters
the receiving amplifier. The attenuation is almost constant
over the whole audio frequency range.
A Wheatstone bridge configuration (see Fig.10) may also
be used.
More information on the balancing of an anti-sidetone
bridge can be obtained in our publication
“Semiconductors
for Wired Telecom Systems; Application Handbook,
IC03b”. For ordering information please contact the Philips
Semiconductors sales office.
R
SLPE
R
ast1
×
R
CC
R
ast2
(
R
ast3 )
+
×
=
k
R
ast2
R
ast3
R
SLPE
+
()
×
R
ast1
R
SLPE
×
-----------------------------------------------------------
=
Z
bal
kZ
line
×
=


Similar Part No. - TEA1114A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Similar Description - TEA1114A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com