Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2212-SGYML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2212-SGYML
Description  Dual 關Cap LDO and Power-On Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2212-SGYML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2212-SGYML Datasheet HTML 2Page - Micrel Semiconductor MIC2212-SGYML Datasheet HTML 3Page - Micrel Semiconductor MIC2212-SGYML Datasheet HTML 4Page - Micrel Semiconductor MIC2212-SGYML Datasheet HTML 5Page - Micrel Semiconductor MIC2212-SGYML Datasheet HTML 6Page - Micrel Semiconductor MIC2212-SGYML Datasheet HTML 7Page - Micrel Semiconductor MIC2212-SGYML Datasheet HTML 8Page - Micrel Semiconductor MIC2212-SGYML Datasheet HTML 9Page - Micrel Semiconductor MIC2212-SGYML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
February 2006
7
M9999-022106
MIC2212
Micrel, Inc.
Typical Characteristics (cont.)
0
5
10
15
20
25
30
35
0
50
100
150
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output Current
LDO1 Only
LDO2 Disabled (VEN2 = LOW)
LDO1
0
5
10
15
20
25
30
35
0
50 100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output Current
LDO2 Only
LDO1 Disabled (VEN1 = LOW)
LDO2
0
10
20
30
40
50
60
0
50
100
150
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output Current
Both LDOs Active
LDO2 = 300mA
Output Current LDO1
Varied from 0 to Full Load
Both Enabled
0
10
20
30
40
50
60
0
50 100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output Current
Both LDOs Active
LDO1 = 150mA
Output Current LDO2
Varied from 0 to Full Load
Both Enabled
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Enable Voltage Threshold
vs. Supply Voltage
POR SETTING CAP (pF)
POR Delay
CIN = 1µF
COUT = 1µF
ILOAD = 100µA
1
10 100 1k 10k 100k 1M
1
10
100
1k
10k
100k
10M
1M
2.65
2.70
2.75
2.80
2.85
2.90
2.95
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Output Voltage 2
vs. Temperature
100µA load
2.85
2.90
2.95
3.00
3.05
3.10
3.15
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
Output Voltage 1
vs. Temperature
100µA load
2.580
2.585
2.590
2.595
2.600
2.605
2.610
0
25 50 75 100 125 150
OUTPUT 1 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
2.820
2.825
2.830
2.835
2.840
2.845
2.850
2.855
2.860
2.865
2.870
0
50 100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Output Voltage
vs. Load Current


Similar Part No. - MIC2212-SGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2212-1.85BML MICREL-MIC2212-1.85BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-1.8BML MICREL-MIC2212-1.8BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.6BML MICREL-MIC2212-2.6BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.7BML MICREL-MIC2212-2.7BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC2212-2.85BML MICREL-MIC2212-2.85BML Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
More results

Similar Description - MIC2212-SGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5249 MICREL-MIC5249_12 Datasheet
217Kb / 7P
   300mA 關Cap LDO with Programmable Power-On Reset Delay
MIC2212 MICREL-MIC2212 Datasheet
205Kb / 10P
   Dual uCap LDO and Power-On Reset
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5211 MICREL-MIC5211_05 Datasheet
1Mb / 9P
   Dual 關Cap 80mA LDO Regulator
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC2210 MICREL-MIC2210_06 Datasheet
1,005Kb / 11P
   Dual 關Cap LDO with Open-Drain Driver
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com