Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD5P06V Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD5P06V
Description  Power MOSFET 5 Amps, 60 Volts P?묬hannel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5P06V Datasheet(HTML) 2 Page - ON Semiconductor

  NTD5P06V Datasheet HTML 1Page - ON Semiconductor NTD5P06V Datasheet HTML 2Page - ON Semiconductor NTD5P06V Datasheet HTML 3Page - ON Semiconductor NTD5P06V Datasheet HTML 4Page - ON Semiconductor NTD5P06V Datasheet HTML 5Page - ON Semiconductor NTD5P06V Datasheet HTML 6Page - ON Semiconductor NTD5P06V Datasheet HTML 7Page - ON Semiconductor NTD5P06V Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTD5P06V
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
61.2
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
10
100
µAdc
Gate−Body Leakage Current (VGS = ± 15 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 3.)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
2.8
4.7
4.0
Vdc
mV/
°C
Static Drain−Source On−Resistance (VGS = 10 Vdc, ID = 2.5 Adc)
RDS(on)
0.34
0.45
Ohm
Drain−Source On−Voltage
(VGS = 10 Vdc, ID = 5 Adc)
(VGS = 10 Vdc, ID = 2.5 Adc, TJ = 150°C)
VDS(on)
2.7
2.6
Vdc
Forward Transconductance
(VDS = 15 Vdc, ID = 2.5 Adc)
gFS
1.5
3.6
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0Vd
Ciss
367
510
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
140
200
Transfer Capacitance
f = 1.0 MHz)
Crss
29
60
SWITCHING CHARACTERISTICS (Note 4.)
Turn−On Delay Time
td(on)
11
20
ns
Rise Time
(VDD = 30 Vdc, ID = 5 Adc,
VGS =10Vdc
tr
26
50
Turn−Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
17
30
Fall Time
RG
9.1
Ω)
tf
19
40
Gate Charge
(S
Fi
8)
QT
12
20
nC
(See Figure 8)
(VDS = 48 Vdc, ID = 5 Adc,
Q1
3.0
(VDS
48 Vdc, ID
5 Adc,
VGS = 10 Vdc)
Q2
5.0
Q3
5.0
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 5 Adc, VGS = 0 Vdc)
(IS = 5 Adc, VGS = 0 Vdc, TJ = 150°C)
VSD
1.72
1.34
3.5
Vdc
Reverse Recovery Time
trr
97
ns
(I
5 Adc V
0 Vdc
ta
73
(IS = 5 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
24
Reverse Recovery Stored
Charge
dIS/dt = 100 A/µs)
QRR
0.42
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
3. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTD5P06V

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
NTD50 EDI-NTD50 Datasheet
35Kb / 2P
   HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
logo
ON Semiconductor
NTD50N03R ONSEMI-NTD50N03R Datasheet
79Kb / 8P
   Power MOSFET
March, 2007 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD50N03R-001 VBSEMI-NTD50N03R-001 Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
NTD50N03R-035 VBSEMI-NTD50N03R-035 Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD50N03R-1 ONSEMI-NTD50N03R-1 Datasheet
79Kb / 8P
   Power MOSFET
March, 2007 ??Rev. 4
More results

Similar Description - NTD5P06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
   Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com