Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD5P06V Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD5P06V
Description  Power MOSFET 5 Amps, 60 Volts P?묬hannel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5P06V Datasheet(HTML) 4 Page - ON Semiconductor

  NTD5P06V Datasheet HTML 1Page - ON Semiconductor NTD5P06V Datasheet HTML 2Page - ON Semiconductor NTD5P06V Datasheet HTML 3Page - ON Semiconductor NTD5P06V Datasheet HTML 4Page - ON Semiconductor NTD5P06V Datasheet HTML 5Page - ON Semiconductor NTD5P06V Datasheet HTML 6Page - ON Semiconductor NTD5P06V Datasheet HTML 7Page - ON Semiconductor NTD5P06V Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MTD5P06V
http://onsemi.com
4
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge
controlled. The lengths of various switching intervals (
∆t)
are determined by how fast the FET input capacitance can
be charged by current from the generator.
The published capacitance data is difficult to use for
calculating rise and fall because drain−gate capacitance
varies greatly with applied voltage. Accordingly, gate
charge data is used. In most cases, a satisfactory estimate of
average input current (IG(AV)) can be made from a
rudimentary analysis of the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a
resistive load, VGS remains virtually constant at a level
known as the plateau voltage, VSGP. Therefore, rise and fall
times may be approximated by the following:
tr = Q2 x RG/(VGG − VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn−on and turn−off delay times, gate current is
not constant. The simplest calculation uses appropriate
values from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG − VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off−state condition when
calculating td(on) and is read at a voltage corresponding to the
on−state when calculating td(off).
At high switching speeds, parasitic circuit elements
complicate the analysis. The inductance of the MOSFET
source lead, inside the package and in the circuit wiring
which is common to both the drain and gate current paths,
produces a voltage at the source which reduces the gate drive
current. The voltage is determined by Ldi/dt, but since di/dt
is a function of drain current, the mathematical solution is
complex.
The
MOSFET
output
capacitance
also
complicates the mathematics. And finally, MOSFETs have
finite internal gate resistance which effectively adds to the
resistance of the driving source, but the internal resistance
is difficult to measure and, consequently, is not specified.
The resistive switching time variation versus gate
resistance (Figure 9) shows how typical switching
performance is affected by the parasitic circuit elements. If
the parasitics were not present, the slope of the curves would
maintain a value of unity regardless of the switching speed.
The circuit used to obtain the data is constructed to minimize
common inductance in the drain and gate circuit loops and
is believed readily achievable with board mounted
components. Most power electronic loads are inductive; the
data in the figure is taken with a resistive load, which
approximates an optimally snubbed inductive load. Power
MOSFETs may be safely operated into an inductive load;
however, snubbing reduces switching losses.
10
0
5
10
15
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 7. Capacitance Variation
VGS
VDS
Ciss
Coss
Crss
TJ = 25°C
VDS = 0 V
VGS = 0 V
600
500
400
300
200
100
5
0
20
25
Ciss
Crss
700
800
900
1000


Similar Part No. - NTD5P06V

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
NTD50 EDI-NTD50 Datasheet
35Kb / 2P
   HIGH VOLTAGE-HIGH CURRENT SILICON RECTIFIERS
logo
ON Semiconductor
NTD50N03R ONSEMI-NTD50N03R Datasheet
79Kb / 8P
   Power MOSFET
March, 2007 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD50N03R-001 VBSEMI-NTD50N03R-001 Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
NTD50N03R-035 VBSEMI-NTD50N03R-035 Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD50N03R-1 ONSEMI-NTD50N03R-1 Datasheet
79Kb / 8P
   Power MOSFET
March, 2007 ??Rev. 4
More results

Similar Description - NTD5P06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTD5414N ONSEMI-NTD5414N Datasheet
109Kb / 6P
   Power MOSFET 24 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD5413N ONSEMI-NTD5413N Datasheet
109Kb / 6P
   Power MOSFET 30 Amps, 60 Volts Single N?묬hannel DPAK
October, 2008 ??Rev. 0
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
   Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com