Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA735AIDBVRG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA735AIDBVRG4
Description  0.05uV/?C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA735AIDBVRG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA735AIDBVRG4 Datasheet HTML 1Page - Burr-Brown (TI) OPA735AIDBVRG4 Datasheet HTML 2Page - Burr-Brown (TI) OPA735AIDBVRG4 Datasheet HTML 3Page - Burr-Brown (TI) OPA735AIDBVRG4 Datasheet HTML 4Page - Burr-Brown (TI) OPA735AIDBVRG4 Datasheet HTML 5Page - Burr-Brown (TI) OPA735AIDBVRG4 Datasheet HTML 6Page - Burr-Brown (TI) OPA735AIDBVRG4 Datasheet HTML 7Page - Burr-Brown (TI) OPA735AIDBVRG4 Datasheet HTML 8Page - Burr-Brown (TI) OPA735AIDBVRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282B − DECEMBER 2003 − REVISED FEBRUARY 2005
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±5V (same as +10V).
OUTPUT VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
OUTPUT VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/_C)
Absolute Value;
Centered Around Zero
6
4
2
0
−2
−4
−6
OUTPUT VOLTAGE SWING TO RAIL
vs OUTPUT CURRENT
Output Current (mA)
0
5
10
15
20
25
30
35
−40_C
+85
_C
+25
_C
1000
0
−1000
−2000
−3000
−4000
−5000
−6000
−7000
−8000
−9000
−10000
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−50
−25
0
255075
100
125
−I
B
+I
B
85
V
CM =V−
10 Representative Units
1000
800
600
400
200
0
−200
−400
−600
−800
−1000
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
−50
−25
0
25
50
75
100
125
−I
B
+I
B
85
V
CM =VS/2
10 Representative Units
800
600
400
200
0
SUPPLY CURRENT vs TEMPERATURE
Temperature (
_C)
−50
−25
0
25
50
75
100
125
±1.35V
±6V


Similar Part No. - OPA735AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA735AIDBVR TI-OPA735AIDBVR Datasheet
469Kb / 18P
[Old version datasheet]   SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
More results

Similar Description - OPA735AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA335 BURR-BROWN-OPA335 Datasheet
354Kb / 18P
   0.05UV/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
OPA334 BURR-BROWN-OPA334_12 Datasheet
1Mb / 30P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
National Semiconductor ...
OPA335 NSC-OPA335 Datasheet
1Mb / 32P
   0.05關V/째C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com