Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD1236VL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SLD1236VL
Description  High-Power Red Laser Diode Supports 횞16-Speed DVD Recording
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLD1236VL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SLD1236VL Datasheet HTML 1Page - List of Unclassifed Manufacturers SLD1236VL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I Figure 1 DVD Recording Laser Diode Development Trends
I Figure 2 SLD1236VL Representative Characteristics
I Table 1 SLD1236VL Main Specifications
–40
Angle [deg.]
CW drive
Tc = 25
°C
Po = 80 mW
0
–10
–20
–30
10
20
30
40
θ= 17.5 deg.
θ// = 9.0 deg.
0
0
Current [mA]
(1) FFP
(2) L - I Temperature Dependency
50
100
150
200
250
100
200
300
400
500
Pulse width = 40 ns
20
°C
30
°C
40
°C
50
°C
60
°C
70
°C
75
°C
2002
2003
2004
2005
Year
SLD1233VL
100 mW
×4-speed
recording
SLD1234VL
140 mW
×8-speed
recording
SLD1235VL
200 mW
×12-speed
recording
SLD1236VL
250 mW
×16-speed
recording
300 mW
Under development
Dual layer
Threshold current
Item
Operating current
Operating voltage
Wavelength
Radiation
angle
Parallel
Perpendicular
Symbol
Ith
Iop
Vop
λp
θ//
θ
Typ.
50
130
2.5
658
9.0
17.5
Unit
mA
V
nm
deg.
Condition: Tc = 25
°C
Po = 80 mW@CW


Similar Part No. - SLD1236VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1231VL SONY-SLD1231VL Datasheet
98Kb / 5P
   High Power Red Laser Diode
More results

Similar Description - SLD1236VL

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD65PZB5 ROHM-RLD65PZB5 Datasheet
46Kb / 3P
   DVD-Record, High power red laser diode
RLD65MZT1 ROHM-RLD65MZT1 Datasheet
75Kb / 2P
   DVD-ROM red laser diode
RLD65MZT2 ROHM-RLD65MZT2 Datasheet
90Kb / 3P
   DVD-ROM, Combination red laser diode
logo
Sharp Corporation
LT051PS SHARP-LT051PS Datasheet
43Kb / 3P
   High Power Red Laser Diode for DVD-R/DVD-RW Drive(635nm-30mW)
GH06510B2A SHARP-GH06510B2A Datasheet
45Kb / 3P
   RED LASER DIODE FOR DVD ROM DRIVE
logo
List of Unclassifed Man...
SLD234VL ETC2-SLD234VL Datasheet
31Kb / 2P
   High Power Laser Diode that Achieves High-Speed CD-R Recording
logo
Roithner LaserTechnik G...
RLT66100MGOP ROITHNER-RLT66100MGOP Datasheet
227Kb / 3P
   High Power Red Laser Diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
logo
Sony Corporation
SLD1231VL SONY-SLD1231VL Datasheet
98Kb / 5P
   High Power Red Laser Diode
logo
Roithner LaserTechnik G...
RLT67300T ROITHNER-RLT67300T Datasheet
71Kb / 1P
   High Power Red Laser Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com