Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD1236VL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLD1236VL
Description  High-Power Red Laser Diode Supports 횞16-Speed DVD Recording
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLD1236VL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLD1236VL Datasheet HTML 1Page - List of Unclassifed Manufacturers SLD1236VL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Despite this being a difficult device
to design, we only had a short
development period and the road
to commercial release was peril-
ous. However, thanks to much
assistance from the staff and our
cohesion as a group, we succeed
in making it safely to commercial
release. Our next step is to proceed
with development aimed at even
higher output to support two-layer
discs.
VOICE
High-Power Red Laser Diode Supports
×16-Speed DVD Recording
SLD1236VL
The DVD recording market is developing rapidly.
Following the
×4, ×8, and ×12 speeds, high-speed recording has al-
ready evolved to the
×16-speed level.
To respond to this market trend, Sony has now developed the
SLD1236VL 250 mW optical power output laser diode that supports
×16-speed DVD recording.
In addition to the optical power output being increased by 50 mW over
earlier products, the SLD1236VL also achieves guaranteed operation
under the severe environmental conditions of temperatures up to 75
°C.
I
Maximum optical power output :
250 mW (in pulse drive mode)
I
High-temperature (75
°C) operation
guaranteed
I
New user-friendly actual refracting
waveguide window structure
Maximum Optical Power Output:
250 mW (in pulse drive mode)
Increasing the recording speed in
DVD+R/RW and DVD-R/RW requires
that the optical power output of the laser
diode used as the light source be
increased. This is because the material
characteristics of the recording medium
must be changed in a period of time that
becomes shorter as the recording speed is
increased. Sony has already released
laser diodes with optical power output lev-
els of 100, 140, and 200 mW to support
recording speeds of
×4, ×8, and ×12. The
SLD1236VL of this release achieves an
even higher optical power output, and can
be driven at an optical power output of
250 mW, which supports
×16-speed
recording.
High-Temperature (75
°C)
Operation Guaranteed
When recording at speeds as high as
×16,
the heat released by the various system
components increases due to the spindle
motor that turns the disc running faster,
the laser diode power being increased, and
other changes. As a result, the ambient
temperature inside the case increases. This
there is demand for laser diodes whose
operation is guaranteed at temperatures as
high as 75
°C. Sony introduced new struc-
tures in the areas surrounding the light
emitting regions of the newly-developed
SLD1236VL, and as a result, operation is
guaranteed under severe operating condi-
tions up to 75
°C.
User-Friendly Actual
Refracting Waveguide
Window Structure
To respond to calls for the lower aspect
ratios demanded for optical pickups, Sony
has adopted, in the previously released
SLD1234VL (pulse drive: up to 140 mW)
and SLD1235VL (pulse drive: up to 200
mW), designs that reduces the radiation
angle in the perpendicular direction (
θ⊥)
at the end surface of the laser. The
SLD1236VL inherits the structure that
results in the same
θ⊥ angle of 17.5
degrees (typical) achieved in the
SLD1234VL and SLD1235VL, thus cre-
ating a user friendly laser diode product.
In addition, the SLD1236VL adopts a low-
loss actual refracting waveguide window
structure that improves the low threshold
current and temperature characteristics. As
a result, the SLD1236VL achieves a
threshold current of 50 mA (typical) and
current value of 130 mA (typical) in 80
mW CW drive mode. The reduction in the
threshold current also reduces the noise
levels.


Similar Part No. - SLD1236VL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1231VL SONY-SLD1231VL Datasheet
98Kb / 5P
   High Power Red Laser Diode
More results

Similar Description - SLD1236VL

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD65PZB5 ROHM-RLD65PZB5 Datasheet
46Kb / 3P
   DVD-Record, High power red laser diode
RLD65MZT1 ROHM-RLD65MZT1 Datasheet
75Kb / 2P
   DVD-ROM red laser diode
RLD65MZT2 ROHM-RLD65MZT2 Datasheet
90Kb / 3P
   DVD-ROM, Combination red laser diode
logo
Sharp Corporation
LT051PS SHARP-LT051PS Datasheet
43Kb / 3P
   High Power Red Laser Diode for DVD-R/DVD-RW Drive(635nm-30mW)
GH06510B2A SHARP-GH06510B2A Datasheet
45Kb / 3P
   RED LASER DIODE FOR DVD ROM DRIVE
logo
List of Unclassifed Man...
SLD234VL ETC2-SLD234VL Datasheet
31Kb / 2P
   High Power Laser Diode that Achieves High-Speed CD-R Recording
logo
Roithner LaserTechnik G...
RLT66100MGOP ROITHNER-RLT66100MGOP Datasheet
227Kb / 3P
   High Power Red Laser Diode
ADL-63V0BTP ROITHNER-ADL-63V0BTP Datasheet
248Kb / 1P
   high power red laser diode
logo
Sony Corporation
SLD1231VL SONY-SLD1231VL Datasheet
98Kb / 5P
   High Power Red Laser Diode
logo
Roithner LaserTechnik G...
RLT67300T ROITHNER-RLT67300T Datasheet
71Kb / 1P
   High Power Red Laser Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com