Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5350SS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS5350SS
Description  50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS5350SS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS5350SS Datasheet HTML 6Page - NXP Semiconductors PBSS5350SS Datasheet HTML 7Page - NXP Semiconductors PBSS5350SS Datasheet HTML 8Page - NXP Semiconductors PBSS5350SS Datasheet HTML 9Page - NXP Semiconductors PBSS5350SS Datasheet HTML 10Page - NXP Semiconductors PBSS5350SS Datasheet HTML 11Page - NXP Semiconductors PBSS5350SS Datasheet HTML 12Page - NXP Semiconductors PBSS5350SS Datasheet HTML 13Page - NXP Semiconductors PBSS5350SS Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PBSS5350SS_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 3 April 2007
11 of 14
NXP Semiconductors
PBSS5350SS
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
11. Soldering
Fig 16. Reflow soldering footprint SOT96-1 (SO8)
Fig 17. Wave soldering footprint SOT96-1 (SO8)
sot096-1_fr
occupied area
solder lands
Dimensions in mm
placement accuracy
± 0.25
1.30
0.60 (8
×)
1.27 (6
×)
4.00
6.60
5.50
7.00
sot096-1_fw
solder resist
occupied area
solder lands
Dimensions in mm
board direction
placement accurracy
± 0.25
4.00
5.50
1.30
0.3 (2
×)
0.60 (6
×)
1.20 (2
×)
1.27 (6
×)
7.00
6.60
enlarged solder land


Similar Part No. - PBSS5350SS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5350SS NEXPERIA-PBSS5350SS Datasheet
730Kb / 19P
   50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01 - 5 April 2007
PBSS5350SS NEXPERIA-PBSS5350SS Datasheet
696Kb / 14P
   50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
PBSS5350SS NEXPERIA-PBSS5350SS Datasheet
701Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
logo
NXP Semiconductors
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
More results

Similar Description - PBSS5350SS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5350SS NEXPERIA-PBSS5350SS Datasheet
701Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
logo
NXP Semiconductors
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
   50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
logo
Nexperia B.V. All right...
PBSS4350SPN NEXPERIA-PBSS4350SPN Datasheet
730Kb / 19P
   50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01 - 5 April 2007
logo
NXP Semiconductors
PBSS4350SPN PHILIPS-PBSS4350SPN_15 Datasheet
140Kb / 19P
   50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01-5 April 2007
PBSS4032PD NXP-PBSS4032PD Datasheet
190Kb / 14P
   30 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-27 January 2010
logo
Nexperia B.V. All right...
PBSS9410PA NEXPERIA-PBSS9410PA Datasheet
290Kb / 16P
   100 V, 2.7 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4041PT NXP-PBSS4041PT Datasheet
191Kb / 15P
   60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02-9 March 2010
PBSS9410PA PHILIPS-PBSS9410PA_15 Datasheet
175Kb / 15P
   100 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-11 May 2010
logo
Nexperia B.V. All right...
PBSS4041PT NEXPERIA-PBSS4041PT Datasheet
304Kb / 16P
   60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02 - 9 March 2010
logo
NXP Semiconductors
PBSS4041PT PHILIPS-PBSS4041PT_15 Datasheet
191Kb / 15P
   60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02-9 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com