Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC923L0NIP Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC923L0NIP
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L0NIP Datasheet(HTML) 5 Page - Sharp Corporation

  PC923L0NIP Datasheet HTML 1Page - Sharp Corporation PC923L0NIP Datasheet HTML 2Page - Sharp Corporation PC923L0NIP Datasheet HTML 3Page - Sharp Corporation PC923L0NIP Datasheet HTML 4Page - Sharp Corporation PC923L0NIP Datasheet HTML 5Page - Sharp Corporation PC923L0NIP Datasheet HTML 6Page - Sharp Corporation PC923L0NIP Datasheet HTML 7Page - Sharp Corporation PC923L0NIP Datasheet HTML 8Page - Sharp Corporation PC923L0NIP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Sheet No.: D2-A06001EN
■ Electro-optical Characteristics*7
Parameter
Conditions
Forward voltage
Reverse current
Terminal capacitance
O1 Low level output voltage
O1 leak current
O2 leak current
High level supply current
Low level supply current
Isolation resistance
"Low
→High"
input threshold current
*9
*9
*8
"Low
→High" propagation delay time
"High
→Low" propagation delay time
Rise time
Fall time
MIN.
1.2
15
5
×1010
-15
15
TYP.
1.5
1.6
60
0.2
1.3
1.3
1011
1.5
0.2
0.2
0.3
0.3
MAX.
1.75
10
150
30
0.4
500
500
3.0
3.0
3.0
5.0
0.5
0.5
0.5
0.5
Unit
V
V
µA
pF
V
V
µA
µA
mA
mA
mA
mA
µs
µs
µs
µs
kV/
µs
kV/
µs
Symbol
VF1
VF2
IR
Ct
VCC
VO2L
IO1L
IO2L
ICCH
tf
CMH
CML
ICCL
IFLH
RISO
tPLH
tPHL
tr
Instantaneous common mode
rejection voltage
(High level output)
Instantaneous common mode
rejection voltage
(Low level output)
Ta
=25˚C, IF=0.2mA
Ta
=25˚C, IF=10mA
Ta
=25˚C, VR=5V
Ta
=25˚C, V=0, f=1MHz
VCC
=24V, IF=5mA
Supply voltage
VCC1
=12V, VCC2=−12V, IO1=0.1A, IF=5mA
VCC
=VO1=35V, IF=0
VCC
=VO2=35V, IF=5mA
Ta
=25˚C, VCC=24V, IF=5mA
RG
=47Ω, CG=3 000pF
Ta
=25˚C, VCM=1.5kV(p-p)
IF
=5mA, VCC=24V,
∆VO2H=2.0V
Ta
=25˚C, VCM=1.5kV(p-p)
IF
=0, VCC=24V,
∆VO2L=2.0V
VCC
=24V, IF=0
Ta
=25˚C, VCC=24V
Ta
=25˚C, DC500V, 40 to 60%RH
VCC
=24V
(Unless otherwise specified Ta
=Topr)
*7 It shall connect a by-pass capacitor of 0.01
µF or more between V
CC (pin 8 ) and GND (pin 7 ) near the device, when it measures the transfer characteristics and the output
side characteristics
*8 IFLH represents forward current when output goes from "Low" to "High"
*9 O2 output terminal is set open
O2 High level output voltage
20
0.2
0.3
22
V
VO1L
VCC
=VO1=24V, IO2=−0.1A, IF=5mA
O2 Low level output voltage
0.5
0.8
V
VO2H
VCC
=24V, IO2=0.1A, IF=0
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*2
*2
*3
*1
Reverse voltage
V
O1 output current
A
O1 Peak output current
A
O2 output current
A
O2 Peak output current
A
O1 output voltage
V
mW
mW
*4 Total power dissipation
Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*5
*6 Soldering temperature
IF
VR
IO1
IO1P
IO2
IO2P
VO1
PO
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
Rating
20
5
Supply voltage
Power dissipation
V
VCC
35
0.1
0.6
0.1
0.6
35
500
550
−40 to +85
−55 to +125
270
5.0
kV
Input
Output
*1 The derating factors of a absolute maximum ratings due to ambient
temperature are shown in Fig.10
*2 Pulse width
≤0.15µs, Duty ratio : 0.01
*3, 4 The derating factors of a absolute maximum ratings due to ambient
temperature are shown in Fig.11
*5 AC for 1minute, 40 to 60 %RH, f=60Hz
*6 For 10s
5
PC923L0NSZ Series


Similar Part No. - PC923L0NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
   High Speed Photocoupler for MOS-FET / IGBT Drive
PC923X SHARP-PC923X Datasheet
46Kb / 3P
   OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
50Kb / 3P
   High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
   High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
More results

Similar Description - PC923L0NIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
   High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
   High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
   High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
   High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC942J00000F SHARP-PC942J00000F Datasheet
281Kb / 17P
   High Power, Gate Drive type DIP 8 pin ?뾑PIC Photocoupler
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
Sharp Corporation
PC925L0NSZ0F SHARP-PC925L0NSZ0F Datasheet
274Kb / 10P
   High Speed, 2.5A Output, Gate Drive DIP 8 pin
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com