Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT48H16M32LGCM-75L Datasheet(PDF) 9 Page - Micron Technology

Part # MT48H16M32LGCM-75L
Description  512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48H16M32LGCM-75L Datasheet(HTML) 9 Page - Micron Technology

Back Button MT48H16M32LGCM-75L Datasheet HTML 5Page - Micron Technology MT48H16M32LGCM-75L Datasheet HTML 6Page - Micron Technology MT48H16M32LGCM-75L Datasheet HTML 7Page - Micron Technology MT48H16M32LGCM-75L Datasheet HTML 8Page - Micron Technology MT48H16M32LGCM-75L Datasheet HTML 9Page - Micron Technology MT48H16M32LGCM-75L Datasheet HTML 10Page - Micron Technology MT48H16M32LGCM-75L Datasheet HTML 11Page - Micron Technology MT48H16M32LGCM-75L Datasheet HTML 12Page - Micron Technology MT48H16M32LGCM-75L Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
PDF: 09005aef81ca5de4/Source: 09005aef81ca5e03
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT48H32M16LF_1.fm - Rev. H 6/07 EN
9
©2005 Micron Technology, Inc. All rights reserved.
512Mb: 32 Meg x 16, 16 Meg x 32 Mobile SDRAM
Ball Assignments
Figure 5:
90-Ball VFBGA (Top View) – 10mm x 13mm
Notes:
1. The K2 “DNU” ball should not be used in the application. However, it may be connected to
VSS (ground).
1
2
3
4
6
7
8
9
5
DQ26
DQ28
VSSQ
VSSQ
VDDQ
VSS
A4
A7
CLK
DQM1
VDDQ
VSSQ
VSSQ
DQ11
DQ13
DQ24
VDDQ
DQ27
DQ29
DQ31
DQM3
A5
A8
CKE
DQ8
DQ10
DQ12
VDDQ
DQ15
VSS
VSSQ
DQ25
DQ30
NC
A3
A6
A12
A9
NC
VSS
DQ9
DQ14
VSSQ
VSS
VDD
VDDQ
DQ22
DQ17
NC
A2
A10
A13/NC
BA0
CAS#
VDD
DQ6
DQ1
VDDQ
VDD
DQ21
DQ19
VDDQ
VDDQ
VSSQ
VDD
A1
A11
RAS#
DQM0
VSSQ
VDDQ
VDDQ
DQ4
DQ2
DQ23
VSSQ
DQ20
DQ18
DQ16
DQM2
A0
BA1
CS#
WE#
DQ7
DQ5
DQ3
VSSQ
DQ0
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
DNU1


Similar Part No. - MT48H16M32LGCM-75L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H16M16LF MICRON-MT48H16M16LF Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75G MICRON-MT48H16M16LFB5-75G Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75ITG MICRON-MT48H16M16LFB5-75ITG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75LG MICRON-MT48H16M16LFB5-75LG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
MT48H16M16LFB5-75LITG MICRON-MT48H16M16LFB5-75LITG Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
More results

Similar Description - MT48H16M32LGCM-75L

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48H8M32LF MICRON-MT48H8M32LF Datasheet
1Mb / 71P
   256Mb: 16 Meg x 16, 8 Meg x 32 Mobile SDRAM
logo
Austin Semiconductor
AS4SD32M16 AUSTIN-AS4SD32M16 Datasheet
1Mb / 52P
   512Mb: 32 Meg x 16 SDRAM Synchronous DRAM Memory
logo
Micron Technology
MT46H16M16LFBF-6ITH MICRON-MT46H16M16LFBF-6ITH Datasheet
3Mb / 79P
   Mobile DDR SDRAM MT46H16M16LF ??4 Meg x 16 x 4 banks MT46H8M32LF/LG ??2 Meg x 32 x 4 banks
MT41J64M16JT-125G MICRON-MT41J64M16JT-125G Datasheet
2Mb / 214P
   DDR3 SDRAM MT41J256M4 ??32 Meg x 4 x 8 banks MT41J128M8 ??16 Meg x 8 x 8 banks MT41J64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EITC MICRON-MT47H128M16RT-25EITC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT47H64M16HR-25EITH MICRON-MT47H64M16HR-25EITH Datasheet
9Mb / 134P
   DDR2 SDRAM MT47H256M4 ??32 Meg x 4 x 8 banks MT47H128M8 ??16 Meg x 8 x 8 banks MT47H64M16 ??8 Meg x 16 x 8 banks
MT47H128M16RT-25EC MICRON-MT47H128M16RT-25EC Datasheet
1Mb / 134P
   DDR2 SDRAM MT47H512M4 ??64 Meg x 4 x 8 banks MT47H256M8 ??32 Meg x 8 x 8 banks MT47H128M16 ??16 Meg x 16 x 8 banks
MT41J128M16JT-125K MICRON-MT41J128M16JT-125K Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J128M16HA-15EDTR MICRON-MT41J128M16HA-15EDTR Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT47H64M8CF-25EG MICRON-MT47H64M8CF-25EG Datasheet
9Mb / 132P
   DDR2 SDRAM MT47H128M4 ??32 Meg x 4 x 4 banks MT47H64M8 ??16 Meg x 8 x 4 banks MT47H32M16 ??8 Meg x 16 x 4 banks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com