Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTHD3101FT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTHD3101FT1G
Description  Power MOSFET and Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD3101FT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTHD3101FT1G Datasheet HTML 1Page - ON Semiconductor NTHD3101FT1G Datasheet HTML 2Page - ON Semiconductor NTHD3101FT1G Datasheet HTML 3Page - ON Semiconductor NTHD3101FT1G Datasheet HTML 4Page - ON Semiconductor NTHD3101FT1G Datasheet HTML 5Page - ON Semiconductor NTHD3101FT1G Datasheet HTML 6Page - ON Semiconductor NTHD3101FT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 3
1
Publication Order Number:
NTHD3101F/D
NTHD3101F
Power MOSFET and
Schottky Diode
−20 V, FETKYt, P−Channel, −4.4 A, with
4.1 A Schottky Barrier Diode, ChipFETt
Features
Leadless SMD Package Featuring a MOSFET and Schottky Diode
40% Smaller than TSOP−6 Package
Leadless SMD Package Provides Great Thermal Characteristics
Independent Pinout to each Device to Ease Circuit Design
Trench P−Channel for Low On Resistance
Ultra Low VF Schottky
Pb−Free Packages are Available
Applications
Li−Ion Battery Charging
High Side DC−DC Conversion Circuits
High Side Drive for Small Brushless DC Motors
Power Management in Portable, Battery Powered Products
MOSFET MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Units
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage
VGS
±8.0
V
Continuous Drain
Current (Note 1)
Steady
State
TJ = 25°C
ID
−3.2
A
TJ = 85°C
−2.3
t ≤ 5 s
TJ = 25°C
−4.4
Power Dissipation
(Note 1)
Steady
State
TJ = 25°C
PD
1.1
W
t ≤ 5 s
2.1
Pulsed Drain Current
tp = 10 ms
IDM
−13
A
Operating Junction and Storage Temperature TJ, TSTG
−55 to
150
°C
Source Current (Body Diode)
IS
2.5
A
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
SCHOTTKY DIODE MAXIMUM RATINGS
(TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Units
Peak Repetitive Reverse Voltage
VRRM
20
V
DC Blocking Voltage
VR
20
V
Average Rectified
Forward Current
Steady
State
TJ = 25°C
IF
2.2
V
t ≤ 5 s
4.1
A
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[1 oz] including traces).
http://onsemi.com
G
D
P−Channel MOSFET
S
C
A
Schottky Diode
−20 V
20 V
85 mW @ −2.5 V
64 mW @ −4.5 V
4.1 A
RDS(on) TYP
−4.4 A
0.510 V
ID MAX
V(BR)DSS
MOSFET
SCHOTTKY DIODE
VR MAX
IF MAX
VF TYP
ChipFET
CASE 1206A
STYLE 3
1
8
PIN
CONNECTIONS
MARKING
DIAGRAM
1
2
3
4
8
7
6
5
8
7
6
5
4
3
2
1
C
C
D
D
A
A
S
G
D1 = Specific Device Code
M
= Month Code
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NTHD3101FT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD3100C ONSEMI-NTHD3100C Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3100CT1 ONSEMI-NTHD3100CT1 Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3100CT1G ONSEMI-NTHD3100CT1G Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3100CT3 ONSEMI-NTHD3100CT3 Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3100CT3G ONSEMI-NTHD3100CT3G Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
More results

Similar Description - NTHD3101FT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4884NF ONSEMI-NTMD4884NF Datasheet
96Kb / 7P
   Power MOSFET and Schottky Diode
March, 2008 - Rev. 0
NTHD4P02F ONSEMI-NTHD4P02F_05 Datasheet
83Kb / 7P
   Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
logo
Will Semiconductor Ltd.
WPM2005B WILLSEMI-WPM2005B Datasheet
2Mb / 6P
   Power MOSFET and Schottky Diode
logo
ON Semiconductor
NTTD4401F ONSEMI-NTTD4401F_07 Datasheet
86Kb / 8P
   Power MOSFET and Schottky Diode
January, 2007 ??Rev. 5
NTHD4N02F ONSEMI-NTHD4N02F Datasheet
64Kb / 6P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 7
NTLGF3501NT2G ONSEMI-NTLGF3501NT2G Datasheet
93Kb / 8P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 1
NTHD4P02F ONSEMI-NTHD4P02F Datasheet
74Kb / 8P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 4
logo
Kersemi Electronic Co.,...
IRF7521D1 KERSEMI-IRF7521D1 Datasheet
727Kb / 8P
   Power MOSFET and Schottky Diode
logo
Will Semiconductor Ltd.
WPM2005 WILLSEMI-WPM2005 Datasheet
1Mb / 8P
   Power MOSFET and Schottky Diode
WPM2006 WILLSEMI-WPM2006 Datasheet
920Kb / 8P
   Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com