Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ-KG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RKZ-KG
Description  Silicon Planar Zener Diode for Surge Absorption and Stabilizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ-KG Datasheet(HTML) 2 Page - Renesas Technology Corp

  RKZ-KG Datasheet HTML 1Page - Renesas Technology Corp RKZ-KG Datasheet HTML 2Page - Renesas Technology Corp RKZ-KG Datasheet HTML 3Page - Renesas Technology Corp RKZ-KG Datasheet HTML 4Page - Renesas Technology Corp RKZ-KG Datasheet HTML 5Page - Renesas Technology Corp RKZ-KG Datasheet HTML 6Page - Renesas Technology Corp RKZ-KG Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RKZ-KG Series
REJ03G1512-0200 Rev.2.00 Jul 31, 2007
Page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
1
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note:
1. With P.C. Board.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
ESD-Capability *
2
VZ (V) *
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
— (kV) *
2
Part No.
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
Min
RKZ2.0BKG
1.90
2.20
5
120
0.5
100
5
30
RKZ2.2BKG
2.10
2.40
5
120
0.7
100
5
30
RKZ2.4BKG
2.30
2.60
5
120
1.0
100
5
30
RKZ2.7B2KG
2.65
2.90
5
120
1.0
110
5
30
RKZ3.0B2KG
2.95
3.20
5
50
1.0
120
5
30
RKZ3.3B2KG
3.25
3.50
5
20
1.0
130
5
30
RKZ3.6B2KG
3.55
3.80
5
10
1.0
130
5
30
RKZ3.9B2KG
3.87
4.10
5
10
1.0
130
5
30
RKZ4.3B2KG
4.15
4.34
5
10
1.0
130
5
30
RKZ4.7B2KG
4.55
4.75
5
10
1.0
130
5
30
RKZ5.1B2KG
4.98
5.20
5
5
1.5
130
5
30
RKZ5.6B2KG
5.49
5.73
5
5
2.5
80
5
30
RKZ6.2B2KG
6.06
6.33
5
2
3.0
50
5
30
RKZ6.8B2KG
6.65
6.93
5
2
3.5
30
5
30
RKZ7.5B2KG
7.28
7.60
5
2
4.0
30
5
30
RKZ8.2B2KG
8.02
8.36
5
2
5.0
30
5
30
RKZ9.1B2KG
8.85
9.23
5
2
6.0
30
5
30
RKZ10B2KG
9.77
10.21
5
2
7.0
30
5
30
RKZ11B2KG
10.76
11.22
5
2
8.0
30
5
30
RKZ12B2KG
11.74
12.24
5
2
9.0
35
5
30
RKZ13B2KG
12.91
13.49
5
2
10.0
35
5
30
RKZ15B2KG
14.34
14.98
5
2
11.0
40
5
25
RKZ16B2KG
15.85
16.51
5
2
12.0
40
5
25
RKZ18B2KG
17.56
18.35
5
2
13.0
45
5
25
RKZ20B2KG
19.52
20.39
5
2
15.0
50
5
20
RKZ22B2KG
21.54
22.47
5
2
17.0
55
5
20
RKZ24B2KG
23.72
24.78
5
2
19.0
60
5
15
RKZ27BKG
25.10
28.90
2
2
21.0
70
2
15
RKZ30BKG
28.00
32.00
2
2
23.0
80
2
13
RKZ33BKG
31.00
35.00
2
2
25.0
80
2
8
RKZ36BKG
34.00
38.00
2
2
27.0
90
2
8
Notes: 1. Tested with pulse (Pw = 40 ms).
2.
C =150 pF, R = 330
Ω, Both forward and reverse direction 10 pulse
Failure criterion ; According to IR spec


Similar Part No. - RKZ-KG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KK RENESAS-RKZ-KK Datasheet
75Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KP RENESAS-RKZ-KP Datasheet
83Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results

Similar Description - RKZ-KG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KK RENESAS-RKZ-KK Datasheet
75Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption
HZU-G RENESAS-HZU-G Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ7.5Z4MFAKT RENESAS-RKZ7.5Z4MFAKT Datasheet
193Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.2Z4MFAKT RENESAS-RKZ6.2Z4MFAKT Datasheet
61Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
RKZ6.8Z4KT RENESAS-RKZ6.8Z4KT Datasheet
91Kb / 5P
   Silicon Planar Zener Diode for Surge Absorption
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com