Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQG1003UQAQF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RQG1003UQAQF
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1003UQAQF Datasheet(HTML) 4 Page - Renesas Technology Corp

  RQG1003UQAQF Datasheet HTML 1Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 2Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 3Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 4Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 5Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 6Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 7Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 8Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RQG1003UQAQF
REJ03G1538-0100 Rev.1.00 Jul 20, 2007
Page 4 of 16
MSG
S21
S21
MAG
MSG
MSG
VCE = 2 V
f = 1.8 GHz
VCE = 2 V
f = 2.4 GHz
Collector Current IC (mA)
Collector Current IC (mA)
VCE = 2 V
f = 5.8 GHz
Collector Current IC (mA)
|S21|
2, MSG, MAG vs. Collector Current
|S21|
2, MSG, MAG vs. Collector Current
|S21|
2, MSG vs. Collector Current
MAG
S21
1
10
100
0
5
10
15
20
25
30
1
10
100
0
5
10
15
20
25
30
1
10
100
0
5
10
15
20
25
30
MAG
MSG
S21
S21
VCE = 3 V
f = 5.8 GHz
VCE = 3 V
f = 2.4 GHz
Collector Current IC (mA)
Collector Current IC (mA)
MAG
1
10
100
0
5
10
15
20
25
30
1
10
100
0
5
10
15
20
25
30
|S21|
2, MSG, MAG vs. Collector Current
|S21|
2, MAG vs. Collector Current
MSG
S21
VCE = 3 V
f = 1.8 GHz
Collector Current IC (mA)
|S21|
2, MSG vs. Collector Current
1
10
100
0
5
10
15
20
25
30


Similar Part No. - RQG1003UQAQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQG1001UP-TL-E RENESAS-RQG1001UP-TL-E Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UP-TL-E RENESAS-RQG1004UP-TL-E Datasheet
283Kb / 19P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UPAQL RENESAS-RQG1004UPAQL Datasheet
283Kb / 19P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
More results

Similar Description - RQG1003UQAQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UPAQL RENESAS-RQG1004UPAQL Datasheet
283Kb / 19P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG2001URAQF RENESAS-RQG2001URAQF Datasheet
247Kb / 27P
   NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA810T RENESAS-UPA810T Datasheet
223Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC3355 NEC-2SC3355 Datasheet
102Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA802T RENESAS-UPA802T Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA811T RENESAS-UPA811T Datasheet
219Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com