Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTS9922E Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GTS9922E
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GTS9922E Datasheet(HTML) 1 Page - GTM CORPORATION

  GTS9922E Datasheet HTML 1Page - GTM CORPORATION GTS9922E Datasheet HTML 2Page - GTM CORPORATION GTS9922E Datasheet HTML 3Page - GTM CORPORATION GTS9922E Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GTS9922E
Page: 1/4
ISSUED DATE :2005/10/26
REVISED DATE :2007/01/25B
G
G T
T S
S 99992222E
E
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Description
The GTS9922E provides the designer with the best combination of fast switching, ruggedized device design,
ultra low on-resistance and cost-effectiveness.
Features
*Low on-resistance
*Capable of 2.5V gate drive
*Optimal DC/DC battery application
*Surface mount package
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
1.20
E
6.20
6.60
A1
0.05
0.15
E1
4.30
4.50
b
0.19
0.30
e
0.65 BSC
c
0.09
0.20
L
0.45
0.75
D
2.90
3.10
S
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current3, VGS@4.5V
ID @TA=25 :
6.8
A
Continuous Drain Current3, VGS@4.5V
ID @TA=70 :
5.4
A
Pulsed Drain Current1
IDM
25
A
Total Power Dissipation
PD @TA=25 :
1
W
Linear Derating Factor
0.008
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-ambient3
Max.
Rthj-a
125
/
: W
BVDSS
20V
RDS(ON)
15m
ID
6.8A
Pb Free Plating Product


Similar Part No. - GTS9922E

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GTS9926 GTM-GTS9926 Datasheet
334Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GTS9926E GTM-GTS9926E Datasheet
363Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GTS9928E GTM-GTS9928E Datasheet
417Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GTS9922E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com