Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTT2603 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GTT2603
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GTT2603 Datasheet(HTML) 2 Page - GTM CORPORATION

  GTT2603 Datasheet HTML 1Page - GTM CORPORATION GTT2603 Datasheet HTML 2Page - GTM CORPORATION GTT2603 Datasheet HTML 3Page - GTM CORPORATION GTT2603 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
ISSUED DATE :2006/03/28
REVISED DATE :
Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-20
-
-
V
VGS=0, ID=-250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
-0.1
-
V/ :
Reference to 25 , I
:
D=-1mA
Gate Threshold Voltage
VGS(th)
-0.5
-
-1.2
V
VDS=VGS, ID=-250uA
Forward Transconductance
gfs
-
9
-
S
VDS=-5V, ID=-2.8A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
Drain-Source Leakage Current(Tj=25 )
:
-
-
-1
uA
VDS=-20V, VGS=0
Drain-Source Leakage Current(Tj=55 )
:
IDSS
-
-
-10
uA
VDS=-16V, VGS=0
-
-
53
VGS=-10V, ID=-4.5A
-
-
65
VGS=-4.5V, ID=-4.2A
-
-
120
VGS=-2.5V, ID=-2.0A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
250
m
VGS=-1.8V, ID=-1.0A
Total Gate Charge2
Qg
-
10.6
16
Gate-Source Charge
Qgs
-
2.32
-
Gate-Drain (“Miller”) Change
Qgd
-
3.68
-
nC
ID=-4.2A
VDS=-16V
VGS=-4.5V
Turn-on Delay Time2
Td(on)
-
5.9
-
Rise Time
Tr
-
3.6
-
Turn-off Delay Time
Td(off)
-
32.4
-
Fall Time
Tf
-
2.6
-
ns
VDS=-15V
ID=-4.2A
VGS=-10V
RG=6
RD=3.6
Input Capacitance
Ciss
-
740
1200
Output Capacitance
Coss
-
167
-
Reverse Transfer Capacitance
Crss
-
126
-
pF
VGS=0V
VDS=-15V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
-1.2
V
IS=-1.2A, VGS=0V
Reverse Recovery Time2
Trr
-
27.7
-
ns
Reverse Recovery Charge
Qrr
-
22
-
nC
IS=-4.2A, VGS=0V
dI/dt=100A/ s
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 156 /W when mounted on
:
Min. copper pad.


Similar Part No. - GTT2603

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GTT2603 ETL-GTT2603 Datasheet
286Kb / 4P
   P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Similar Description - GTT2603

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com