Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1501 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1501
Description  Greeny; GreenChip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1501 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1501 Datasheet HTML 7Page - NXP Semiconductors TEA1501 Datasheet HTML 8Page - NXP Semiconductors TEA1501 Datasheet HTML 9Page - NXP Semiconductors TEA1501 Datasheet HTML 10Page - NXP Semiconductors TEA1501 Datasheet HTML 11Page - NXP Semiconductors TEA1501 Datasheet HTML 12Page - NXP Semiconductors TEA1501 Datasheet HTML 13Page - NXP Semiconductors TEA1501 Datasheet HTML 14Page - NXP Semiconductors TEA1501 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1998 Aug 19
11
Philips Semiconductors
Preliminary specification
Greeny; GreenChip
TEA1501
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134). All voltages are referred to ground. Positive
currents flow into the IC. All pins not mentioned in the voltage list are not allowed to be voltage driven.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Voltages
VDrn
commutation voltage peak: Vin +Vzener
−0.4
+650
V
VSrc
−0.4
+12
V
VVaux
−0.4
+24
V
VBt
−0.4
+5
V
Currents
IDrn
0
0.25
A
ISrc
0
0.25
A
IOOD
−1+ 5
mA
IRef
−1
+0
mA
IBt
−1
+0.05
mA
Power and temperature
Ptot
total power dissipation, Tamb <70 °C
0.7
W
Tj
junction temperature
−10
+140
°C
Tstg
storage temperature
−40
+150
°C
Tamb
operating ambient temperature
−10
+70
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
96
°C/W


Similar Part No. - TEA1501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AP PHILIPS-TEA1506AP Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AT PHILIPS-TEA1506AT Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506P PHILIPS-TEA1506P Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
More results

Similar Description - TEA1501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1742T PHILIPS-TEA1742T Datasheet
99Kb / 17P
   GreenChip PFC controller
Rev. 01-10 February 2009
TEA1566 PHILIPS-TEA1566 Datasheet
170Kb / 24P
   GreenChip; SMPS module
1999 Apr 20
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com