Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM20CNJ060 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM20CNJ060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM20CNJ060 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM20CNJ060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM20CNJ060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM20CNJ060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM20CNJ060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM20CNJ060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM20CNJ060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Jan. 2000
MITSUBISHI <INTELLIGENT POWER MODULES>
PM20CNJ060
FLAT-BASE TYPE
INSULATED PACKAGE
INTERNAL FUNCTIONS BLOCK DIAGRAM
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 15V
TC = 25
°C
TC = 25
°C
TC = 25
°C
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Ratings
Unit
600
20
40
56
–20 ~ +125∗
∗The item defines the maximum junction temperature for the power elements (IGBT/Diode) of the IPM to ensure safe operation. However,
these power elements can endure junction temperature as high as 150
°C instantaneously. To make use of this additional temperature al-
lowance, a detailed study of the exact application conditions is required and, accordingly, necessary information is requested to be provided
before use.
VD
VCIN
VFO
IFO
V
V
V
mA
CONTROL PART
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
Applied between : VUP1-VUPC
VVP1-VVPC, VWP1-VWPC, VN1-VNC
Applied between : UP-VUPC, VP-VVPC
WP-VWPC, UN • VN • WN-VNC
Applied between : FO-VNC
Sink current at FO terminals
20
20
20
20
Symbol
Parameter
Condition
Ratings
Unit
WP
NC
NC
NC
VWP1
VWPC
UN
VN
VN1
VNC
WN
Fo
NW
V
P
U
VP
VVP1
VVPC
UP
VUP1
VUPC
OUT
Si
GND
Vcc
In
GND
OUT
Si
GND
Vcc
In
GND
OUN
SUN
OWN
SWN
OVN
SVN
Rfo
Fo
GND
Vcc
WN
VN
UN
Rfo=1.5k
Tc
Tb
GND
OUT
Si
GND
Vcc
In
GND


Similar Part No. - PM20CNJ060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM20CSJ060 MITSUBISHI-PM20CSJ060 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM20CSJ060 MITSUBISHI-PM20CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM20CSJ060 POWEREX-PM20CSJ060 Datasheet
66Kb / 6P
   Intellimod??Module Three Phase IGBT Inverter Output (20 Amperes/600 Volts)
logo
Mitsubishi Electric Sem...
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060-3 MITSUBISHI-PM20CTM060-3 Datasheet
137Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM20CNJ060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com