Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RQA0009SXTL-E Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RQA0009SXTL-E
Description  Silicon N-Channel MOS FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0009SXTL-E Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RQA0009SXTL-E Datasheet HTML 5Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 6Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 7Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 8Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 9Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 10Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 11Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 12Page - Renesas Technology Corp RQA0009SXTL-E Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RQA0009SXAQS
REJ03G1566-0100 Rev.1.00 Jul 04, 2007
Page 10 of 12
S Parameter
(VDS = 6 V, IDQ = 180 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
MAG
ANG (deg.)
100
0.868
-154.0
9.85
88.8
0.019
1.2
0.706
-166.8
150
0.861
-159.4
5.42
77.2
0.018
-6.3
0.725
-168.9
200
0.882
-163.9
3.64
68.2
0.016
-14.1
0.755
-170.6
250
0.892
-166.8
2.64
58.5
0.016
-19.2
0.768
-170.6
300
0.899
-169.5
2.06
51.8
0.014
-22.1
0.792
-171.2
350
0.910
-171.6
1.61
45.1
0.013
-27.2
0.805
-171.5
400
0.918
-173.4
1.28
40.3
0.013
-29.3
0.827
-172.2
450
0.926
-175.2
1.04
36.0
0.011
-34.1
0.840
-173.1
500
0.932
-176.8
0.84
31.8
0.010
-33.1
0.855
-173.8
550
0.936
-178.2
0.73
28.8
0.009
-34.5
0.869
-174.6
600
0.940
-179.5
0.62
26.4
0.008
-34.6
0.880
-175.6
650
0.941
179.2
0.54
23.1
0.007
-36.5
0.892
-176.5
700
0.944
178.1
0.45
20.2
0.006
-32.7
0.901
-177.3
750
0.945
176.9
0.41
18.3
0.006
-32.0
0.906
-178.0
800
0.944
175.9
0.37
16.4
0.005
-25.3
0.915
-179.4
850
0.944
174.6
0.31
13.9
0.004
-22.3
0.919
180.0
900
0.943
173.4
0.30
12.1
0.004
-15.2
0.929
178.9
950
0.943
172.3
0.26
10.6
0.003
0.3
0.930
178.1
1000
0.946
171.1
0.23
8.6
0.003
9.1
0.936
177.2
1050
0.949
170.2
0.22
7.3
0.003
20.6
0.940
176.5
1100
0.951
169.4
0.21
6.5
0.004
36.9
0.943
175.5
1150
0.952
168.7
0.18
5.3
0.004
40.3
0.944
174.7
1200
0.952
167.8
0.18
4.3
0.004
52.0
0.950
174.1
1250
0.952
167.0
0.16
3.7
0.005
53.2
0.951
173.3
1300
0.952
166.2
0.14
2.2
0.005
56.8
0.949
172.6
1350
0.952
165.4
0.14
1.3
0.006
60.9
0.956
171.7
1400
0.952
164.6
0.13
0.8
0.006
64.0
0.958
171.0
1450
0.952
164.0
0.12
0.1
0.007
62.2
0.957
170.3
1500
0.952
163.3
0.11
-0.8
0.008
65.4
0.956
169.5
1550
0.952
162.1
0.11
-1.8
0.008
65.9
0.959
168.5
1600
0.952
160.8
0.10
-2.7
0.009
65.6
0.960
168.2
1650
0.952
159.7
0.10
-3.6
0.009
65.9
0.960
167.4
1700
0.952
158.5
0.09
-4.5
0.010
66.6
0.962
166.4
1750
0.952
157.3
0.08
-4.7
0.010
66.2
0.967
165.8
1800
0.952
156.4
0.08
-5.0
0.011
66.5
0.968
165.3
1850
0.952
155.7
0.08
-4.7
0.011
66.5
0.965
164.5
1900
0.953
154.7
0.07
-4.9
0.012
67.0
0.967
163.7
1950
0.958
153.9
0.07
-5.2
0.012
67.0
0.976
163.2
2000
0.965
153.6
0.07
-4.6
0.013
65.5
0.972
162.9
2050
0.963
153.3
0.07
-4.9
0.013
65.4
0.972
161.9
2100
0.956
152.9
0.06
-4.2
0.014
65.3
0.976
161.0
2150
0.950
152.2
0.06
-3.5
0.014
65.2
0.981
160.7
2200
0.944
151.6
0.06
-3.8
0.015
63.9
0.977
160.1
2250
0.936
150.7
0.06
-3.5
0.015
63.9
0.977
159.5
2300
0.932
149.3
0.05
-3.4
0.016
63.0
0.978
158.9
2350
0.932
148.1
0.05
-3.6
0.016
62.8
0.981
158.4
2400
0.929
147.3
0.05
-3.0
0.017
63.0
0.977
158.0
2450
0.923
146.3
0.05
-3.6
0.017
61.3
0.977
157.2
2500
0.917
144.9
0.05
-3.0
0.017
61.8
0.980
156.8


Similar Part No. - RQA0009SXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0009SXAQS RENESAS-RQA0009SXAQS_11 Datasheet
223Kb / 22P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0009SXTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com