Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2179R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT2179R
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2179R Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT2179R Datasheet HTML 1Page - Renesas Technology Corp HAT2179R Datasheet HTML 2Page - Renesas Technology Corp HAT2179R Datasheet HTML 3Page - Renesas Technology Corp HAT2179R Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REJ03G1570-0100 Rev.1.00 Jul 06, 2007
Page 1 of 3
HAT2179R
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1570-0100
Rev.1.00
Jul 06, 2007
Features
• Low on-resistance
• Low drive current
• High density mounting
Outline
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8<FP-8DAV>)
1, 2, 3
Source
4
Gate
5, 6, 7, 8 Drain
G
D
SS S
D DD
4
1 23
56 7 8
1 2
3 4
5
6
7
8
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
0.7
A
Drain peak current
ID (pulse)
Note1
2.0
A
Body-drain diode reverse drain current
IDR
0.7
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
2.0
A
Channel dissipation
Pch
Note2
2.5
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW
≤ 10 s


Similar Part No. - HAT2179R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2179R RENESAS-HAT2179R_09 Datasheet
112Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - HAT2179R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com