Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GU7809A Datasheet(PDF) 5 Page - GTM CORPORATION

Part # GU7809A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GU7809A Datasheet(HTML) 5 Page - GTM CORPORATION

  GU7809A Datasheet HTML 1Page - GTM CORPORATION GU7809A Datasheet HTML 2Page - GTM CORPORATION GU7809A Datasheet HTML 3Page - GTM CORPORATION GU7809A Datasheet HTML 4Page - GTM CORPORATION GU7809A Datasheet HTML 5Page - GTM CORPORATION GU7809A Datasheet HTML 6Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GU78XXA
Page: 5/6
ISSUED DATE :2005/04/07
REVISED DATE :2005/12/06C
GU7815A (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=23V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
14.55
15.0
15.45
VO
B-Rank (5%)
14.25
-
15.75
V
Vin=23V, Io=500mA, Tj=25 :
17.5V Vin 30V, 5mA Io 1A, PD 15W
-
12
300
17.5V Vin 30V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
3
150
mV
20V Vin 26V, Io=500mA, Tj=25 :
-
12
300
Vin=23V, 5mA Io 1.5A, Tj=25 :
VO
(Load Regulation)
-
4
150
mV
Vin=23V, 250mA Io 750mA, Tj=25 :
I
Q
-
4.3
8.0
mA
Vin=23V, Io=500mA, Tj=25 :
-
-
0.5
Vin=23V, 5mA Io 1A
I
Q
-
-
1.0
mA
17.5V Vin 30V, Io=500mA
Vn
-
90
-
V
10Hz f 100KHz, Tj=25 :
RR
54
-
-
dB
18.5V Vin 28.5V, f=120Hz, Tj=25 :
VD
-
2.0
-
V
I
o=1A, Tj=25 :
I
sc
-
230
-
mA
Vin=19V, Tj=25 :
I
pk
-
2.1
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 :
Tj 125 :
GU7818A (Refer to the test circuits, Tj=0~125 : , Io=500mA, Vin=27V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
17.46
18.0
18.54
VO
B-Rank (5%)
17.10
-
18.9
V
Vin=27V, Io=500mA, Tj=25 :
21V Vin 33V, 5mA Io 1A, PD 15W
-
15
360
21V Vin 33V, Io=500mA, Tj=25 :
VO
(Line Regulation)
-
5
180
mV
24V Vin 30V, Io=500mA, Tj=25 :
-
12
360
Vin=27V, 5mA Io 1.5A, Tj=25 :
VO
(Load Regulation)
-
4
180
mV
Vin=27V, 250mA Io 750mA, Tj=25 :
I
Q
-
4.5
8.0
mA
Vin=27V, Io=500mA, Tj=25 :
-
-
0.5
Vin=27V, 5mA Io 1A
I
Q
-
-
1.0
mA
21V Vin 33V, Io=500mA
Vn
-
110
-
V
10Hz f 100KHz, Tj=25 :
RR
53
-
-
dB
22V Vin 32V, f=120Hz, Tj=25 :
VD
-
2.0
-
V
I
o=1A, Tj=25 :
I
sc
-
200
-
mA
Vin=27V, Tj=25 :
I
pk
-
2.1
-
A
Tj=25 :
Vo / Tj
-
-1.0
-
mV/ :
I
o=5mA, 0 :
Tj 125 :


Similar Part No. - GU7809A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GU7809A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com