Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC606 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC606
Description  GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC606 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC606 Datasheet HTML 1Page - Hittite Microwave Corporation HMC606 Datasheet HTML 2Page - Hittite Microwave Corporation HMC606 Datasheet HTML 3Page - Hittite Microwave Corporation HMC606 Datasheet HTML 4Page - Hittite Microwave Corporation HMC606 Datasheet HTML 5Page - Hittite Microwave Corporation HMC606 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
1 - 245
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output Return Loss vs. Temperature
Gain & Return Loss
Gain vs. Temperature
Input Return Loss vs. Temperature
Noise Figure vs. Temperature
HMC606
v00.0407
-30
-25
-20
-15
-10
-5
0
5
10
15
20
0
2
4
6
8
10
12
14
16
18
20
22
S21
S11
S22
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
2468
10
12
14
16
18
+25C
+85C
-55C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
2468
10
12
14
16
18
+25C
+85C
-55C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
2468
10
12
14
16
18
+25C
+85C
-55C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
2468
10
12
14
16
18
+25C
+85C
-55C
FREQUENCY (GHz)
GaAs InGaP HBT MMIC ULTRA LOW
PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
Power Compression
-5
0
5
10
15
20
-15
-10
-5
0
5
10
Output Power
Gain
PAE
Pin (dBm)


Similar Part No. - HMC606

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC606 HITTITE-HMC606 Datasheet
323Kb / 6P
   GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC606LC5 HITTITE-HMC606LC5 Datasheet
273Kb / 6P
   GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC606LC5 HITTITE-HMC606LC5 Datasheet
273Kb / 6P
   GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC606LC5 HITTITE-HMC606LC5 Datasheet
382Kb / 6P
   GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
logo
Analog Devices
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
   Test Instrumentation
More results

Similar Description - HMC606

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC606LC5 HITTITE-HMC606LC5 Datasheet
382Kb / 6P
   GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC606LC5 HITTITE-HMC606LC5_08 Datasheet
273Kb / 6P
   GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC606 HITTITE-HMC606_09 Datasheet
323Kb / 6P
   GaAs InGaP HBT MMIC ULTRA LOW PHASE NOISE, DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC-C050 HITTITE-HMC-C050 Datasheet
416Kb / 6P
   ULTRA LOW PHASE NOISE DISTRIBUTED AMPLIFIER, 2 - 18 GHz
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
   InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
NGA-489 SIRENZA-NGA-489 Datasheet
418Kb / 5P
   InGaP/GaAs HBT MMIC Amplifier
logo
Analog Devices
ADL8150ACHIP AD-ADL8150ACHIP Datasheet
289Kb / 14P
   GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
ADL8150 AD-ADL8150 Datasheet
251Kb / 15P
   GaAs, HBT, MMIC, Low Phase Noise Amplifier, 6 GHz to 14 GHz
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC314 HITTITE-HMC314_10 Datasheet
193Kb / 6P
   GaAs InGaP HBT MMIC DRIVER AMPLIFIER, 0.7 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com