Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2211-18UZ Datasheet(PDF) 9 Page - Power IC Ltd.

Part # PL2211-18UZ
Description  300mA Low Noise Dual LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211-18UZ Datasheet(HTML) 9 Page - Power IC Ltd.

  PL2211-18UZ Datasheet HTML 1Page - Power IC Ltd. PL2211-18UZ Datasheet HTML 2Page - Power IC Ltd. PL2211-18UZ Datasheet HTML 3Page - Power IC Ltd. PL2211-18UZ Datasheet HTML 4Page - Power IC Ltd. PL2211-18UZ Datasheet HTML 5Page - Power IC Ltd. PL2211-18UZ Datasheet HTML 6Page - Power IC Ltd. PL2211-18UZ Datasheet HTML 7Page - Power IC Ltd. PL2211-18UZ Datasheet HTML 8Page - Power IC Ltd. PL2211-18UZ Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Design Specification
300mA Low Noise Dual LDO
PL2211
DISCLAIMERS
LIFE SUPPORT
Power IC’s products are not designed to be used as components in devices intended to support or sustain human life. Use of
Power IC’s products in components intended for surgical implant into the body, or other applications in which failure of
Power IC’s products could create a situation where personal death or injury may occur, is not authorized without the express
written approval of Power IC’s Chief Executive Officer. Power IC will not be held liable for any damages or claims
resulting from the use of its products in medical applications.
MILITARY
Power IC's products are not designed for use in military applications. Use of Power IC’s products in military applications is
not authorized without the express written approval of Power IC’s Chief Executive Officer. Power IC will not be held liable
for any damages or claims resulting from the use of its products in military applications.
RIGHT TO MAKE CHANGES
Power IC reserves the right to change this document and/or this product without notice. Customers are advised to consult
their Power IC sales representative before ordering.
Power IC Ltd.
- 9 -
www.picsemi.com
Version 1.0
Mar 4, 2007


Similar Part No. - PL2211-18UZ

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211-18UZ PICSEMI-PL2211-18UZ Datasheet
261Kb / 9P
   Dual Low Noise LDO in 3mm횞3mm MLF
More results

Similar Description - PL2211-18UZ

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com