Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GULM317 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GULM317
Description  3-TERMINAL 1A POSITIVE ADJSTABLE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GULM317 Datasheet(HTML) 1 Page - GTM CORPORATION

  GULM317 Datasheet HTML 1Page - GTM CORPORATION GULM317 Datasheet HTML 2Page - GTM CORPORATION GULM317 Datasheet HTML 3Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CORPORATION
GULM317
Page: 1/3
ISSUED DATE :2005/12/20
REVISED DATE :
GULM317
3 - T E R M I N A L 1 . 5 A P O S I T I V E A D J U S T A B L E V O L T A G E R E G U L AT O R
Description
The GULM317 is an adjustable 3-termial positive voltage regulator, designed to supply more than 1.5A of output
current with voltage adjustable from 1.3 to 37V.
Features
&Output current up to 1.5A.
&
Output voltage adjustable from 1.3V to 37V.
&Internal short circuit protection.
&Internal over temperature protection.
&Safe-Area compensation for output transistor.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c2
1.25
1.45
b
0.76
1.00
b2
1.17
1.47
L4
0.00
0.30 B D
8.6
9.0
c
0.36
0.5
e
2.54 REF.
L3
1.50 REF.
L
14.6
15.8
L1
2.29
2.79
E
9.80
10.4
L2
1.27 REF.
Block Diagram
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Input-Output Voltage Difference
Vi-Vo
40
V
Load Temperature
Tlead
230
:
Power Dissipation
PD
Internal limited
Operating Temperature Range
Topr
0 ~ +125
:
Storage Temperature Range
Tstg
-65 ~ +150
:


Similar Part No. - GULM317

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
   Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
GUL02 IOGEAR-GUL02 Datasheet
130Kb / 3P
   Charge & Sync Cable, 6.5 ft. (2m) - USB to Lightning Cable
logo
Shanghai Leiditech Elec...
GULC0521C LEIDITECH-GULC0521C Datasheet
424Kb / 3P
   1-Line Bi-directional Low Capacitance TVS Diode
More results

Similar Description - GULM317

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GELM317 GTM-GELM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJSTABLE VOLTAGE REGULATOR
GLLM317 GTM-GLLM317 Datasheet
311Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
GJLM317 GTM-GJLM317 Datasheet
308Kb / 3P
   3-TERMINAL 1.5A POSITIVE ADJSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com