Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7681N Datasheet(PDF) 3 Page - Texas Instruments

Part # PT7681N
Description  30-A Programmable ISR With Margin Up/Down Controls
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7681N Datasheet(HTML) 3 Page - Texas Instruments

  PT7681N Datasheet HTML 1Page - Texas Instruments PT7681N Datasheet HTML 2Page - Texas Instruments PT7681N Datasheet HTML 3Page - Texas Instruments PT7681N Datasheet HTML 4Page - Texas Instruments PT7681N Datasheet HTML 5Page - Texas Instruments PT7681N Datasheet HTML 6Page - Texas Instruments PT7681N Datasheet HTML 7Page - Texas Instruments PT7681N Datasheet HTML 8Page - Texas Instruments PT7681N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT7681—5V
Typical Characteristics
Specifications (Unless otherwise stated, Ta =25°C, Vin =5V, Cin =1,500µF, Cout =330µF, Vo =3.3V, and Io =Iomax)
PT7681
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = 60°C, 200LFM, pkg N
0
30
A
Ta = 25°C, Natural convection
0
29
Input Voltage Range
Vin
Over Io range
4.5
5.5
V
Set-Point Voltage Tolerance
Vo tol
All output voltages
±10
±25 (1)
mV
Temperature Variation
Regtemp
–40°C
=Ta =+85°C, Io =Iomin
±1
%Vo
Line Regulation
Regline
Over Vin range
±5
mV
Load Regulation
Regload
Over Io range
±5
mV
Total Output Voltage Variation
. Vo tol
Includes set-point, line, load,
±1.5
±3
%Vo
–40°C
=Ta =+85°C
Efficiency
.
Io =15A
Vo =3.3V
93
Vo =2.5V
92
%
Vo =1.8V
89
Io =30A
Vo =3.3V
90
Vo =2.5V
87
%
Vo =1.8V
83
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
40
mVpp
Transient Response
ttr
1A/µs load step, 50% and 100% Iomax
25
µSec
Vos
Vo over/undershoot
±200 (2)
—mV
Over-Current Threshold
ITRIP
Reset followed by auto-recovery
38
A
Output Margin Adjust
Vo adj
Pin 6 or 26 connected to pin 12
±5
%
Switching Frequency
ƒs
Over Vin range
250
300
350
kHz
STBY* Input Requirements
Input High Voltage
VIH
Referenced to GND
2.0
Open (3)
V
Input Low Voltage
VIL
-0.2
0.8
Input Low Current
IIL
Pin 5 to GND
0.3
mA
Standby Input Current
Iin standby
Pin 5 to GND
6
mA
External Capacitance
Cout
330 (4)
15,000
µF
Operating Temperature Range
Ta
Over Vin Range
–40
85 (5)
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
215 (6)
°C
Storage Temperature
Ts
–40
125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
1 msec, Half Sine, mounted to a fixture
Mechanical Vibration
Mil-STD-883D, Method 2007.2
Suffix A
20
(7)
G’s
20-2000 Hz
Suffixes N,C
TBD (7)
Weight
Vertical/Horizontal
36
grams
Flammability
Materials meet UL 94V-0
Notes: (1) If the remote sense ground is not used, pin 12 must be connected to pin 13 for optimum output voltage accuracy.
(2) The transient response may be improved by placing additional capacitors with low equivalent series resistance (ESR) on the output.
(3) The STBY* control (pin 5) has an internal pull-up. If it is left open-circuit, the module will operate when input power is applied. A low-leakage (<1µA)
MOSFET must be used to control this pin. The open-circuit voltage may be as high as Vin.
(4) For operation below 0°C, Cin and Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(5) See safe Operating Area curves or consult factory for the appropriate derating.
(6) During reflow of SMD package version do not elevate the module case, pins, or internal component temperatures above a peak of 215°C. For further
guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Products,” (SLTA051).
(7) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
External Capacitors: The regulator require a minimum output capacitance of 330µF for proper operation. An input capacitance of 1500µF is also required. This
must be rated for a minimum of 1.1Arms of ripple current. For transient or dynamic load applications, additional capacitance may be required. For further informa-
tion refer to the application note regarding capacitor selection for this product.
Input Filter: An input filter inductor is optional for most applications. The inductor must be sized to handle 30ADC with a typical value of 1µH.
30-A Programmable ISR
With Margin Up/Down Controls
SLTS177
B - DECEMBER 2002 - REVISED JULY 2006


Similar Part No. - PT7681N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT768 NIEC-PT768 Datasheet
137Kb / 3P
   DIODE MODULE 75A/800V
logo
National Instruments Co...
PT768 NI-PT768_15 Datasheet
115Kb / 2P
   DIODE
More results

Similar Description - PT7681N

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7534 LSI-LS7534_03 Datasheet
89Kb / 8P
   DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534_09 Datasheet
91Kb / 8P
   DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
LS7534 LSI-LS7534 Datasheet
69Kb / 8P
   DIMMER LIGHT SWITCH WITH UP AND DOWN CONTROLS
logo
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
   programmable controls
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
IK Semicon Co., Ltd
IW4002B IKSEMICON-IW4002B Datasheet
155Kb / 5P
   Noise margin
logo
Texas Instruments
PT7720 TI-PT7720 Datasheet
200Kb / 4P
[Old version datasheet]   17 AMP 12V INPUT ?쏝IG-HAMMER II??PROGRAMMABLE ISR
PT7770 TI-PT7770 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7772 TI-PT7772 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
logo
IK Semicon Co., Ltd
IW4011B IKSEMICON-IW4011B Datasheet
156Kb / 5P
   Noise margin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com