Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1610 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA1610
Description  Zero-voltage-switching resonant converter controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1610 Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA1610 Datasheet HTML 1Page - NXP Semiconductors TEA1610 Datasheet HTML 2Page - NXP Semiconductors TEA1610 Datasheet HTML 3Page - NXP Semiconductors TEA1610 Datasheet HTML 4Page - NXP Semiconductors TEA1610 Datasheet HTML 5Page - NXP Semiconductors TEA1610 Datasheet HTML 6Page - NXP Semiconductors TEA1610 Datasheet HTML 7Page - NXP Semiconductors TEA1610 Datasheet HTML 8Page - NXP Semiconductors TEA1610 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2001 Apr 25
5
Philips Semiconductors
Product specification
Zero-voltage-switching
resonant converter controller
TEA1610P; TEA1610T
FUNCTIONAL DESCRIPTION
Start-up
When the applied voltage at VDD reaches VDD(initial) (see
Fig.5), the low side power switch is turned-on while the
high side power switch remains in the non-conducting
state. This start-up output state guarantees the initial
charging of the bootstrap capacitor (Cboot) used for the
floating supply of the high side driver.
During start-up, the voltage on the frequency capacitor (Cf)
is zero and defines the start-up state. The output voltage
of the error amplifier is kept constant (typ. 2.5 V) and
switching starts at about 80% of the maximum frequency
at the moment pin VDD reaches the start level.
The start-up state is maintained until VDD reaches the start
level (13.5 V), the oscillator is activated and the converter
starts operating.
handbook, full pagewidth
MGT998
t
GH-SH
GL
0
0
0
VDD
VDD(start)
VDD(initial)
Fig.5 Start-up.


Similar Part No. - TEA1610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1610T NXP-TEA1610T Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
More results

Similar Description - TEA1610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
STMicroelectronics
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
   High voltage resonant controller
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
   High-voltage resonant controller
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
   High-voltage resonant controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com