Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6911 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6911
Description  12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6911 Datasheet(HTML) 5 Page - Texas Instruments

  PT6911 Datasheet HTML 1Page - Texas Instruments PT6911 Datasheet HTML 2Page - Texas Instruments PT6911 Datasheet HTML 3Page - Texas Instruments PT6911 Datasheet HTML 4Page - Texas Instruments PT6911 Datasheet HTML 5Page - Texas Instruments PT6911 Datasheet HTML 6Page - Texas Instruments PT6911 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT6911A
ACTIVE
SIP MOD
ULE
ELA
23
10
TBD
Call TI
Level-1-215C-UNLIM
PT6911C
ACTIVE
SIP MOD
ULE
ELC
23
10
TBD
Call TI
Level-3-215C-168HRS
PT6911N
ACTIVE
SIP MOD
ULE
ELD
23
10
TBD
Call TI
Level-1-215C-UNLIM
PT6912A
ACTIVE
SIP MOD
ULE
ELA
23
10
TBD
Call TI
Level-1-215C-UNLIM
PT6912C
ACTIVE
SIP MOD
ULE
ELC
23
10
TBD
Call TI
Level-3-215C-168HRS
PT6912N
ACTIVE
SIP MOD
ULE
ELD
23
10
TBD
Call TI
Level-1-215C-UNLIM
PT6913C
ACTIVE
SIP MOD
ULE
ELC
23
10
TBD
Call TI
Level-3-215C-168HRS
PT6914A
ACTIVE
SIP MOD
ULE
ELA
23
10
TBD
Call TI
Level-1-215C-UNLIM
PT6914C
ACTIVE
SIP MOD
ULE
ELC
23
10
TBD
Call TI
Level-3-215C-168HRS
PT6914N
ACTIVE
SIP MOD
ULE
ELD
23
10
TBD
Call TI
Level-1-215C-UNLIM
PT6915A
ACTIVE
SIP MOD
ULE
ELA
23
10
TBD
Call TI
Level-1-215C-UNLIM
PT6915C
ACTIVE
SIP MOD
ULE
ELC
23
10
TBD
Call TI
Level-3-215C-168HRS
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Jun-2007
Addendum-Page 1


Similar Part No. - PT6911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6911 TI-PT6911 Datasheet
107Kb / 5P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
More results

Similar Description - PT6911

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6915 TI-PT6915 Datasheet
107Kb / 5P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
PT6900 TI-PT6900 Datasheet
188Kb / 5P
[Old version datasheet]   12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PT78NR200 TI-PT78NR200 Datasheet
62Kb / 2P
[Old version datasheet]   10-12W Plus to Minus Voltage Integrated Switching Regulator
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
[Old version datasheet]   1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
SLTS058B TI-SLTS058B Datasheet
178Kb / 6P
[Old version datasheet]   1 Amp Plus to Minus Voltage Integrated Switching Regulator
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com