Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2761-1-F4 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS2761-1-F4
Description  HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2761-1-F4 Datasheet(HTML) 1 Page - California Eastern Labs

  PS2761-1-F4 Datasheet HTML 1Page - California Eastern Labs PS2761-1-F4 Datasheet HTML 2Page - California Eastern Labs PS2761-1-F4 Datasheet HTML 3Page - California Eastern Labs PS2761-1-F4 Datasheet HTML 4Page - California Eastern Labs PS2761-1-F4 Datasheet HTML 5Page - California Eastern Labs PS2761-1-F4 Datasheet HTML 6Page - California Eastern Labs PS2761-1-F4 Datasheet HTML 7Page - California Eastern Labs PS2761-1-F4 Datasheet HTML 8Page - California Eastern Labs PS2761-1-F4 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PHOTOCOUPLER
PS2761-1
HIGH ISOLATION VOLTAGE
4-PIN SOP PHOTOCOUPLER
−NEPOC Series−
DESCRIPTION
The PS2761-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor.
This package is mounted in a plastic SOP (Small Outline Package) for high density applications.
The package has shield effect to cut off ambient light.
FEATURES
• Isolation distance (0.4 mm MIN.)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• SOP (Small Outline Package) type
• High-speed switching (tr = 4
µs TYP., tf = 5 µs TYP.)
• Ordering number of taping product: PS2761-1-F3, F4
• UL approved: File No. E72422 (S)
• BSI approved: No. 8436/8437
APPLICATIONS
• Hybrid IC
• Programmable logic controllers
• Power supply
The mark
shows major revised points.
Document No. PN10249EJ01V0DS (1st edition)
(Previous No. P14143EJ3V0DS00)
Date Published February 2003 CP(K)


Similar Part No. - PS2761-1-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1-F4 NEC-PS2761-1-F4 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2761-1-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2621 CEL-PS2621 Datasheet
123Kb / 4P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761-1 RENESAS-PS2761-1 Datasheet
261Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2861-1 CEL-PS2861-1 Datasheet
352Kb / 9P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2861-1 RENESAS-PS2861-1 Datasheet
239Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2765-1 CEL-PS2765-1 Datasheet
86Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S2752Q RENESAS-RV1S2752Q Datasheet
274Kb / 12P
   AUTOMOTIVE HIGH ISOLATION VOLTAGE, 4-PIN SOP (SO4) PHOTOCOUPLER
Rev.2.00 Mar 09, 2023
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com