Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4711A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4711A
Description  45-W Dual-Output Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4711A Datasheet(HTML) 3 Page - Texas Instruments

  PT4711A Datasheet HTML 1Page - Texas Instruments PT4711A Datasheet HTML 2Page - Texas Instruments PT4711A Datasheet HTML 3Page - Texas Instruments PT4711A Datasheet HTML 4Page - Texas Instruments PT4711A Datasheet HTML 5Page - Texas Instruments PT4711A Datasheet HTML 6Page - Texas Instruments PT4711A Datasheet HTML 7Page - Texas Instruments PT4711A Datasheet HTML 8Page - Texas Instruments PT4711A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
For technical support and further information, visit http://power.ti.com
PT4711—48V
45-W Dual-Output Isolated
DC/DC Converter
SLTS225 APRIL 2004
PT4711 Electrical Specifications
(Unless otherwise stated, the operating conditions are:- Ta =25°C, Vin =48 V, and Io =Iomax)
PT4711
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io1, Io2
Both outputs
0
1.5
A
Input Voltage Range
Vin
Continuous
36
75
V
Surge (1 minute)
80
Set-Point Voltage
Vo1, Vo2
14.55
15.0
15.45
V
Temperature Variation
∆Regtemp
–40°C
≤Ta ≤+85°C, Io =Iomin
Vo1, Vo2
±0.5
%Vo
Line Regulation
∆Regline
All outputs, Over Vin range
±0.05
±0.25
%Vo
Load Regulation
∆Regload
All outputs, 0
≤Io≤Iomax
±0.2
±0.5
%Vo
Cross Regulation
∆Regcross
Io1 =Io1max, 0 ≤ Io2 ≤ Io2max
±10
mV
Io2 =Io2max, 0 ≤ Io1 ≤ Io1max
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
Vo1 , Vo2
14.25
15.75
V
–40°C
≤Ta ≤+85°C
Efficiency
η
—86
%
Vo Ripple (pk-pk)
Vn
Measured from each output to COM, Vo
1, Vo2
—15
mVpp
0 to 20 MHz bandwidth
Transient Response
ttr
0.1 A/µs load step, 50% to 75% Iomax
100
µSec
Vos
Vo over/undershoot
2
%Vo
Output Adjust Range
Vox adj
Each Vo adjusted independently
±10
%Vo
Current Limit Threshold
IoLIM
Shutdown, auto restart
Vo1, Vo2
2.5
A
Switching Frequency
ƒs
Over Vin and Io ranges
550
600
650
kHz
Under Voltage Lockout
Von
Vin increasing
34
V
Voff
Vin decreasing
32
Enable Control (pins 3 & 4)
Referenced to –Vin (pin 2)
High-Level Input Voltage
VIH
4
Open (1)
V
Low-Level Input Voltage
VIL
–0.2
0.8
(1)
Low-Level Input Current
IIL
Pin connected to –Vin (pin 2)
–0.16
mA
Standby Input Current
Iin standby
pins 3 & 4 open circuit
5
20
mA
Internal Input Capacitance
Cint
—1
—µF
External Output Capacitance
Co
Each output to COM
Vo1, Vo2
0
500
µF
Primary/Secondary Isolation
V iso
1500
V
C iso
2,200
pF
R iso
10
——M
Secondary Working Voltage
∆Vsec
Between any two output pins
35 (2)
V
Operating Temperature Range
Ta
Over Vin Range
–40
85 (3)
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
215 (4)
°C
Storage Temperature
Ts
–40
125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
500
G’s
1 msec, ½ Sine, mounted
Mechanical Vibration
Mil-STD-883D, Method 2007.2
Suffix A
15 (5)
G’s
20-2000 Hz
Suffix N, C
20 (5)
Weight
Vertical/Horizontal
50
grams
ShutdownTemperature
OTP
115
125
°C
Flammability
Meets UL 94V-O
Notes:
(1) The Enable inputs (pins 3 & 4) have internal pull-ups. Leaving pin 3 open-circuit and connecting pin 4 to –Vin allows the the converter to operate when
input power is applied. The maximum open-circuit voltage is 5 V.
(2) The maximum voltage that may exist between any two output pins.
(3) See SOA curves or consult factory for appropriate derating.
(4) During solder reflow of SMD package version, do not elevate the module case, pins, or internal component temperatures above a peak of 215°C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(5) Only the case pins on through-hole pin configurations (N & A) must be soldered. For more information see the applicable package outline drawing.


Similar Part No. - PT4711A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
More results

Similar Description - PT4711A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313 TI-PT4313 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
logo
Power Integrations, Inc...
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
   50 W DC-DC Dual Output Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com