Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2309 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2309
Description  Headphone Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2309 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2309 Datasheet HTML 1Page - Princeton Technology Corp PT2309 Datasheet HTML 2Page - Princeton Technology Corp PT2309 Datasheet HTML 3Page - Princeton Technology Corp PT2309 Datasheet HTML 4Page - Princeton Technology Corp PT2309 Datasheet HTML 5Page - Princeton Technology Corp PT2309 Datasheet HTML 6Page - Princeton Technology Corp PT2309 Datasheet HTML 7Page - Princeton Technology Corp PT2309 Datasheet HTML 8Page - Princeton Technology Corp PT2309 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2309 V1.2
- 4 -
August, 2006
Headphone Driver IC
PT2309
FUNCTION DESCRIPTION
POWER SUPPLY
The operating voltage of PT2309 is from 3V to 5V, In general operation 5V is recommended.
It should connect a modest bias capacitor nearby the power source terminal. It can improve IC stability
and decrease the noise output. Suggestion value of capacitor is from 0.1µF to 10µF.
POP AND CLICK SUPPRESS
For normal operation, the Input/Output port of a power amplifier powered by a single supply voltage
must have a stable DC bias. Each time turn on the Vcc the input/output pins will present 1/2 Vcc DC
bias voltage. For blocking the DC bias flowing to another circuit, each input/output port should have a
DC blocking capacitor, it will charge/discharge when power on or off, the capacitance is relative with
the pop noise. In general condition to prevent the pop noise, the time constant of bypass cap (CB) on
the bypass pin will be set to maximum. Higher CB value will extend the stable time, and also can
suppress the noise heard when power-on. In supply voltage=5V and CB=10µF, stable time is approx
1s. The value of CB also relative with the value of the DC blocking capacitor connected in input
terminal. In general condition the time constant of DC blocking capacitor should be less than CB stable
time. Recommend parts values please refer to application circuit.
INPUT CAPACITOR
Input capacitor decide the bandwidth and charge time constant, due to there is a 50KΩ impedance, so
input terminal charge period constant is:
Tin= (2π × 50KΩ × Cin)
If Cin=1µF, Tin=0.3s, Low frequency lower limit is 3Hz. This capacitor can use a non-polarity SMD
capacitor。
OUTPUT CAPACITOR
The headphone driver is designed to drive 32Ω headphone load, it needs a larger capacitance to
extending the lower frequency cut off point. If driving a small headphone a 100µF capacitor is a good
choice and the low frequency limit is around 50Hz; for better low frequency performance a 220µF
capacitor is recommended and it’s low frequency can extend to 22Hz. Due to charge/discharge time
constant is shorter than CB stable time, so it will not have pop and click noise.


Similar Part No. - PT2309

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2309 PTC-PT2309 Datasheet
264Kb / 8P
   Headphone Driver IC
PT2309-S PTC-PT2309-S Datasheet
264Kb / 8P
   Headphone Driver IC
PT2309 PTC-PT2309_09 Datasheet
264Kb / 8P
   Headphone Driver IC
More results

Similar Description - PT2309

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308 PTC-PT2308_1 Datasheet
270Kb / 6P
   Headphone Driver IC
PT2308 PTC-PT2308 Datasheet
30Kb / 3P
   Headphone Driver IC
PT2309 PTC-PT2309_09 Datasheet
264Kb / 8P
   Headphone Driver IC
PT2308L PTC-PT2308L_09 Datasheet
280Kb / 6P
   Headphone Driver IC
PT2308L PTC-PT2308L Datasheet
46Kb / 3P
   Headphone Driver
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
logo
Shenzhen Huazhimei Semi...
HM5264 HMSEMI-HM5264 Datasheet
351Kb / 3P
   Headphone wire control IC
logo
Mitsumi Electronics, Co...
LAG673 MITSUMI-LAG673 Datasheet
112Kb / 4P
   IC for Headphone Stereos Monolithic IC
logo
SHENZHEN FUMAN ELECTRON...
P6K FUMAN-P6K Datasheet
117Kb / 4P
   Apple Headphone Cable IC
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com