Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4711C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4711C
Description  45-W Dual-Output Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4711C Datasheet(HTML) 6 Page - Texas Instruments

Back Button PT4711C Datasheet HTML 2Page - Texas Instruments PT4711C Datasheet HTML 3Page - Texas Instruments PT4711C Datasheet HTML 4Page - Texas Instruments PT4711C Datasheet HTML 5Page - Texas Instruments PT4711C Datasheet HTML 6Page - Texas Instruments PT4711C Datasheet HTML 7Page - Texas Instruments PT4711C Datasheet HTML 8Page - Texas Instruments PT4711C Datasheet HTML 9Page - Texas Instruments PT4711C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
PT4711
Figure 3-3; PT4711 Power-up Sequence
On/Off Output Voltage Sequencing
Both outputs from the PT4711 converter are internally
sequenced to power up in unison. Figure 3-3 shows the
output waveforms after the module’s output has been
enabled. The converter produces a fully regulated output
within 75 ms. The waveforms were measured with the
output voltages configured per Figure 1-1a (for ±15-V
output). A constant current load of 1.5 A was applied to
both outputs, with an input source of 48 VDC.
Using the On/Off Enable Controls on the PT4711
Dual-Output DC/DC Converter
The PT4711 is a dual-output DC/DC converter incor-
porates two output enable controls. EN1 (pin 4) is the
Negative Enable input, and EN2 (pin 3) is the Positive
Enable input. Both inputs are electrically referenced to
-Vin (pin 2) on the primary or input side of the converter.
A pull-up resistor is not required, but may be added if
desired. Voltages of up to 70 V can be safely applied to
the either of the Enable pins.
Automatic (UVLO) Power-Up
Connecting EN1 (pin 4) to -Vin (pin 2) and leaving EN2
(pin 3) open-circuit configures the converter for auto-
matic power up. (See data sheet “Typical Application”).
The converter control circuitry incorporates an “Under
Voltage Lockout” (UVLO) function, which disables the
converter until the minimum specified input voltage is
present at ±Vin. (See data sheet Specifications). The UVLO
circuitry ensures a clean transition during power-up and
power-down, allowing the converter to tolerate a slow-
rising input voltage. For most applications EN1 and EN2,
can be configured for automatic power-up.
Positive Output Enable (Negative Inhibit)
To configure the converter for a positive enable function,
connect EN1 (pin 4) to -Vin (pin 2), and apply the system
On/Off control signal to EN2 (pin 3). In this configura-
tion, a low-level input voltage (-Vin potential) applied to
pin 3 disables the converter outputs. Figure 1 is an example
of this configuration.
Negative Output Enable (Positive Inhibit)
To configure the converter for a negative enable function,
EN2 (pin 3) is left open circuit, and the system On/Off
control signal is applied to EN1 (pin 4). A low-level
input voltage (-Vin potential) must then be applied to
DC/DC
Module
EN 1*
EN 2
–Vin
–V
IN
1 =Outputs Off
3
4
2
BSS138
DC/DC
Module
EN 1*
EN 2
–Vin
–V
IN
1 =Outputs On
3
4
2
BSS138
Figure 2; Negative Enable Configuration
Figure 1; Positive Enable Configuration
pin 4 in order to enable the outputs of the converter.
An example of this configuration is detailed in Figure 2.
Note: The converter will only produce an output voltage if a
valid input voltage is applied to ±Vin.
+Vo (5 V/Div)
1
+Vo (5 V/Div)
2
HORIZ SCALE: 5 ms/Div


Similar Part No. - PT4711C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
More results

Similar Description - PT4711C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313 TI-PT4313 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
logo
Power Integrations, Inc...
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
   50 W DC-DC Dual Output Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com