Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2309-D Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2309-D
Description  Headphone Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2309-D Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2309-D Datasheet HTML 1Page - Princeton Technology Corp PT2309-D Datasheet HTML 2Page - Princeton Technology Corp PT2309-D Datasheet HTML 3Page - Princeton Technology Corp PT2309-D Datasheet HTML 4Page - Princeton Technology Corp PT2309-D Datasheet HTML 5Page - Princeton Technology Corp PT2309-D Datasheet HTML 6Page - Princeton Technology Corp PT2309-D Datasheet HTML 7Page - Princeton Technology Corp PT2309-D Datasheet HTML 8Page - Princeton Technology Corp PT2309-D Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2309 V1.2
- 1 -
August, 2006
Headphone Driver IC
PT2309
DESCRIPTION
The PT2309 is a headphone driver IC, it can working on wide supply range. Utilizing CMOS
Technology, it has very low power consumption is in stand-by mode. Total harmonic distortion is lower
than 0.03% (32Ω load) and the also has low noise output. Built-in mute function can prevents popping
sounds happen when power is turned ON or OFF. It is also has built-in over-temperature protection,
minimum package size for space saving and suitable for small or portable products.
FEATURES
• CMOS Technology
• Stereo Input
• Drive 32Ω impedance load
• Low noise, Low distortion
• Suppress the pop and click noise when mode changed
• Built-in mute function
• Available in 8 Pins, DIP or SOP Package
APPLICATIONS
• Portable VCD/DVD
• CD-ROM
• PDA
• Sound Card


Similar Part No. - PT2309-D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2309-S PTC-PT2309-S Datasheet
264Kb / 8P
   Headphone Driver IC
More results

Similar Description - PT2309-D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2308 PTC-PT2308_1 Datasheet
270Kb / 6P
   Headphone Driver IC
PT2308 PTC-PT2308 Datasheet
30Kb / 3P
   Headphone Driver IC
PT2309 PTC-PT2309_09 Datasheet
264Kb / 8P
   Headphone Driver IC
PT2308L PTC-PT2308L_09 Datasheet
280Kb / 6P
   Headphone Driver IC
PT2308L PTC-PT2308L Datasheet
46Kb / 3P
   Headphone Driver
logo
Integrated Silicon Solu...
IS31AP4912 ISSI-IS31AP4912 Datasheet
295Kb / 9P
   STEREO HEADPHONE DRIVER
logo
Shenzhen Huazhimei Semi...
HM5264 HMSEMI-HM5264 Datasheet
351Kb / 3P
   Headphone wire control IC
logo
Mitsumi Electronics, Co...
LAG673 MITSUMI-LAG673 Datasheet
112Kb / 4P
   IC for Headphone Stereos Monolithic IC
logo
SHENZHEN FUMAN ELECTRON...
P6K FUMAN-P6K Datasheet
117Kb / 4P
   Apple Headphone Cable IC
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_15 Datasheet
703Kb / 22P
[Old version datasheet]   DirectPath Headphone Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com