Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4300WE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT7C4300WE
Description  Real-time Clock Module (I짼c Bus)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4300WE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PT7C4300WE Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0222(02/06)
Ver: 0
6
Data Sheet
PT7C4300
Real-time Clock Module (I
2C Bus)
2.
Control and status register
Addr.
(hex)
Description
D7
D6
D5
D4
D3
D2
D1
D0
Control
OUT
FT
S
Calibration
07
(default)
0
0
1
1
1
1
1
1
a)
OUT
OUT: Set pin 7 output DC level..
OUT
Data
Description
1
Set high level at pin 7.
Default
Read / Write
0
Set low level at pin 7.
b)
512Hz output
FT: 512Hz square wave output Enable bit, using for Frequency Test.
FT
Data
Description
0
Disable 512Hz output at pin 7.
Default
Read / Write
1
Enable 512Hz output at pin 7.
c)
Calibration bits
S: Sign bit.
S
Data
Description
1
Indicate positive calibration.
Default
Read / Write
0
Indicate negative calibration.
Calibration:
Calibration occurs within a 64minute cycle. The first 62 minutes in the cycle may, once per minute, have one second either
shortened by 128 or lengthened by 256 oscillator cycles. If a binary '1' is loaded into the register, only the first 2
minutes in the 64 minute cycle will be modified; if a binary 6 is loaded, the first 12 will be affected, and so on. Therefore, each
calibration step has the effect of adding 512 or subtracting 256 oscillator cycles for every 125,829,120 actual oscillator cycles, that
is +4.068 or –2.034 ppm of adjustment per calibration step in the calibration register. Assuming that the oscillator is in fact
running at exactly 32,768Hz, each of the 31 increments in the Calibration byte would represent +10.7 or –5.35 seconds per month
which corresponds to a total range of +5.5 or –2.75 minutes per month.
For example, a reading of 512.01024Hz would indicate a +20 ppm oscillator frequency error, requiring a –10 (XX001010) to be
loaded into the Calibration Byte for correction. Note that setting or changing the Calibration Byte does not affect the Frequency
test output frequency.
Clock calibration


Similar Part No. - PT7C4300WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302W PERICOM-PT7C4302W Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302WE PERICOM-PT7C4302WE Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
PT7C4302WEX PERICOM-PT7C4302WEX Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4300WE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-4543 EPSON-RTC-4543 Datasheet
257Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-4574 EPSON-RTC-4574 Datasheet
295Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RTC-4701 EPSON-RTC-4701 Datasheet
279Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4581NB EPSON-RX-4581NB Datasheet
255Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com