Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C4300WE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PT7C4300WE
Description  Real-time Clock Module (I짼c Bus)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4300WE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PT7C4300WE Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4300WE Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0222(02/06)
Ver: 0
8
Data Sheet
PT7C4300
Real-time Clock Module (I
2C Bus)
Addr.
(hex)
Description
D7
D6
D5
D4
D3
D2
D1
D0
Dates (01-31)
×
×
D20
D10
D8
D4
D2
D1
04
(default)
Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined
Months (01-12)
×
×
×
M10
M8
M4
M2
M1
05
(default)
Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined
Years (00-99)
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
06
(default)
Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined
Communication
1.
I
2C Bus Interface
a)
Overview of I
2C-BUS
The I
2C bus supports bi-directional communications via two signal lines: the SDA (data) line and SCL (clock) line. A combination
of these two signals is used to transmit and receive communication start/stop signals, data signals, acknowledge signals, and so on.
Both the SCL and SDA signals are held at high level whenever communications are not being performed. The starting and
stopping of communications is controlled at the rising edge or falling edge of SDA while SCL is at high level. During data
transfers, data changes that occur on the SDA line are performed while the SCL line is at low level, and on the receiving side the
data is captured while the SCL line is at high level. In either case, the data is transferred via the SCL line at a rate of one bit per
clock pulse. The I
2C bus device does not include a chip select pin such as is found in ordinary logic devices. Instead of using a
chip select pin, slave addresses are allocated to each device and the receiving device responds to communications only when its
slave address matches the slave address in the received data.
b)
System Configuration
All ports connected to the I
2C bus must be either open drain or open collector ports in order to enable AND connections to
multiple devices.
SCL and SDA are both connected to the VDD line via a pull-up resistance. Consequently, SCL and SDA are both held at high
level when the bus is released (when communication is not being performed).
Master
MC U
Slave
RTC
O ther Peripheral
Device
Vcc
SD A
SC L
N ote: W hen there is only one m aster, the M C U is ready for driving SC L to "H " and R
P of S C L m a y not re quired.
R
P
R
P
Fig.1 System configuration


Similar Part No. - PT7C4300WE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302W PERICOM-PT7C4302W Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302WE PERICOM-PT7C4302WE Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
PT7C4302WEX PERICOM-PT7C4302WEX Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4300WE

ManufacturerPart #DatasheetDescription
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-4543 EPSON-RTC-4543 Datasheet
257Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-4574 EPSON-RTC-4574 Datasheet
295Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RTC-4701 EPSON-RTC-4701 Datasheet
279Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4581NB EPSON-RX-4581NB Datasheet
255Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com