Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21563-PP Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PS21563-PP
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21563-PP Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PS21563-PP Datasheet HTML 1Page - Powerex Power Semiconductors PS21563-PP Datasheet HTML 2Page - Powerex Power Semiconductors PS21563-PP Datasheet HTML 3Page - Powerex Power Semiconductors PS21563-PP Datasheet HTML 4Page - Powerex Power Semiconductors PS21563-PP Datasheet HTML 5Page - Powerex Power Semiconductors PS21563-PP Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS21563-P
Intellimod™ Module
Dual-In-Line Intelligent Power Module
10 Amperes/600 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
16 mm
GROOVE
CONTROL TERMINALS
POWER
TERMINALS
FWDi CHIP
18 mm
N
W
V
U
P
Al BOARD
TEMPERATURE MEASUREMENT POINT
(INSIDE THE Al BOARD)
TEMPERATURE
MEASUREMENT POINT
(INSIDE THE Al BOARD)
IGBT CHIP
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Cutoff Current
ICES
VCE = VCES, Tj = 25°C
1.00
mA
VCE = VCES, Tj = 125°C
10
mA
Diode Forward Voltage
VEC
Tj = 25°C, -IC = 10A, VIN = 0V
1.50
2.00
Volts
Collector-Emitter Saturation Voltage
VCE(sat) IC = 10A, Tj = 25°C, VD = VDB = 15V, VIN = 5V
1.60
2.10
Volts
IC = 10A, Tj = 125°C, VD = VDB = 15V, VIN = 5V
1.70
2.20
Volts
Inductive Load Switching Times
ton
0.60
1.20
1.80
µs
trr
VCC = 300V, VD = VDB = 15V,
0.30
µs
tC(on)
IC = 10A, Tj = 125°C, VIN = 5 ⇔ 0V,
0.40
0.60
µs
toff
Inductive Load (Upper-Lower Arm)
1.40
2.10
µs
tC(off)
0.50
0.80
µs
Tf Measurement Point


Similar Part No. - PS21563-PP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21563-P MITSUBISHI-PS21563-P Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
PS21563-P MITSUBISHI-PS21563-P Datasheet
133Kb / 9P
   AC100V~200V inverter drive for small power motor control
More results

Similar Description - PS21563-PP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21563 POWEREX-PS21563 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21963 POWEREX-PS21963 Datasheet
365Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21353-G POWEREX-PS21353-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21553-G POWEREX-PS21553-G Datasheet
73Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21963-4 POWEREX-PS21963-4 Datasheet
974Kb / 10P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com