Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21867-P Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PS21867-P
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21867-P Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PS21867-P Datasheet HTML 1Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 2Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 3Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 4Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 5Page - Powerex Power Semiconductors PS21867-P Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PS21867-P
Intellimod™ Module
Dual-In-Line Intelligent Power Module
30 Amperes/600 Volts
6
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
DIP-IPM Application Circuit (Shown Pins Up)
W
V
U
P
+VCC LVIC
FAULT
LOGIC
INPUT SIGNAL
CONDITIONING
UV
PROT.
VUFS
VUFB
VP1
UP
VVFS
WP
VWFB
VWFS
VN1
VNC
CIN
CFO
FO
UN
VN
WN
VP1
VPC
VVFB
VP1
VP
+VCC
+VCC
+VCC
+
+
C2
C2
C1
D1
R1
+
C2
C2
C2
C2
C1
D1
R1
+
C2
C1
D1
R1
+15V
C3
C4
N
RSF
CSF
+3.3 to +5V
C5
C5
C5
R2
R2
R2
C5 x 3
R2 x 3
R3
RSHUNT
This symbol indicates
connection to ground
plane.
MOTOR
C7
C6
AC LINE
+
Component Selection:
Dsgn.
Typ. Value
Description
D1
1A, 600V
Boot strap supply diode – Ultra fast recovery
C1
10-100uF, 50V
Boot strap supply reservoir – Electrolytic, long life, low Impedance, 105°C (Note 5)
C2
0.22-2.0uF, 50V
Local decoupling/High frequency noise filters – Multilayer ceramic (Note 8)
C3
10-100uF, 50V
Control power supply filter – Electrolytic, long life, low Impedance, 105°C
C4
22nF, 50V
Fault lock-out timing capacitor – Multilayer ceramic (Note 4)
C5
100pF, 50V
Optional input signal noise filter – Multilayer ceramic (Note 1)
C6
200-2000uF, 450V
Main DC bus filter capacitor – Electrolytic, long life, high ripple current, 105°C
C7
0.1-0.22uF, 450V
Surge voltage suppression capacitor – Polyester/Polypropylene film (Note 9)
CSF
1000pF, 50V
Short circuit detection filter capacitor – Multilayer Ceramic (Note 6, Note 7)
RSF
1.8k ohm
Short circuit detection filter resistor (Note 6, Note 7)
RSHUNT
5-100 mohm
Current sensing resistor - Non-inductive, temperature stable, tight tolerance (Note 10)
R1
10 ohm
Boot strap supply inrush limiting resistor (Note 5)
R2
330 ohm
Optional control input noise filter (Note 1, Note 2)
R3
10k ohm
Fault output signal pull-up resistor (Note 3)
Notes:
1) To prevent input signal oscillations minimize wiring length to controller (~2cm). Additional RC filtering (C5 etc.) may be
required. If filtering is added be careful to maintain proper dead time. See application notes for details.
2) Internal HVIC provides high voltage level shifting allowing direct connection of all six driving signals to the controller.
3) FO output is an open collector type. Pull up resistor (R3) should be adjusted to current sink capability of the module.
4) C4 sets the fault output duration and lock-out time. C4 12.2E-6 x tFO, 22nF gives ~1.8ms
5) Boot strap supply component values must be adjusted depending on the PWM frequency and technique.
6) Wiring length associated with RSHUNT, RSF, CSF must be minimized to avoid improper operation of the SC function.
7) RSF, CSF set short-circuit protection trip time. Recommend time constant is 1.5us-2.0us. See application notes.
8) Local decoupling/high frequency filter capacitors must be connected as close as possible to the modules pins.
9) The length of the DC link wiring between C6, C7, the DIP’s P terminal and the shunt must be minimized to prevent
excessive transient voltages. In particular C7 should be mounted as close to the DIP as possible.
10) Use high quality, tight tolorance current sensing resistor. Connect resistor as close as possible to the DIP’s
N terminal. Be careful to check for proper power rating. See application notes for calculation of resistance value.


Similar Part No. - PS21867-P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21867-P MITSUBISHI-PS21867-P Datasheet
645Kb / 2P
   Generation DIP and Mini-DIP-IPM
More results

Similar Description - PS21867-P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21867-AP POWEREX-PS21867-AP Datasheet
321Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21267-AP POWEREX-PS21267-AP Datasheet
536Kb / 8P
   Intellimod Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21767 POWEREX-PS21767 Datasheet
760Kb / 9P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21255-E POWEREX-PS21255-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 20 Amperes/600 Volts
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21445-E POWEREX-PS21445-E Datasheet
84Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (20 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com