Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS21963-4 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS21963-4
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21963-4 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS21963-4 Datasheet HTML 1Page - Powerex Power Semiconductors PS21963-4 Datasheet HTML 2Page - Powerex Power Semiconductors PS21963-4 Datasheet HTML 3Page - Powerex Power Semiconductors PS21963-4 Datasheet HTML 4Page - Powerex Power Semiconductors PS21963-4 Datasheet HTML 5Page - Powerex Power Semiconductors PS21963-4 Datasheet HTML 6Page - Powerex Power Semiconductors PS21963-4 Datasheet HTML 7Page - Powerex Power Semiconductors PS21963-4 Datasheet HTML 8Page - Powerex Power Semiconductors PS21963-4 Datasheet HTML 9Page - Powerex Power Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PS21963-4, PS21963-4A, PS21963-4C
Intellimod™ Module
Dual-In-Line Intelligent Power Module
10 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272

Rev. 03/07
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case
Rth(j-c)Q
Inverter IGBT (Per 1/6 Module)
3.7
°C/Watt
Rth(j-c)D
Inverter FWDi (Per 1/6 Module)
4.5
°C/Watt
Recommended Conditions for Use
Characteristic
Symbol
Condition
Min.
Typ.
Value
Units
Supply Voltage
VCC
Applied between P-N Terminals
0
300
400
Volts
Control Supply Voltage
VD
Applied between VP1-VNC, VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between VUFB-U,
13.0
15.0
18.5
Volts
VVFB-V, VWFB-W
Control Supply Variation
dVD, dVDB
-1
1
V/µs
Arm Shoot-through Blocking Time
tDEAD
For Each Input Signal, TC ≤ 100°C
1.5
µs
Allowable Minimum Input
PWIN(on)
0.5
µs
Pulse Width*
PWIN(off)
0.5
µs
VNC Voltage Variation
VNC
Between VNC-N (Including Surge)
-5.0
5.0
Volts
*DIP-IPM might not make response or work properly if the input signal plus width is less than the recommended minimum value.


Similar Part No. - PS21963-4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-4 MITSUBISHI-PS21963-4 Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4A MITSUBISHI-PS21963-4A Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4AE MITSUBISHI-PS21963-4AE Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
PS21963-4C MITSUBISHI-PS21963-4C Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4CE MITSUBISHI-PS21963-4CE Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21963-4

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21563 POWEREX-PS21563 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21563-PP POWEREX-PS21563-PP Datasheet
346Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21963 POWEREX-PS21963 Datasheet
365Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21353-G POWEREX-PS21353-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21553-G POWEREX-PS21553-G Datasheet
73Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com