Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS22053 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PS22053
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/1200 Volts
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS22053 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

Back Button PS22053 Datasheet HTML 2Page - Powerex Power Semiconductors PS22053 Datasheet HTML 3Page - Powerex Power Semiconductors PS22053 Datasheet HTML 4Page - Powerex Power Semiconductors PS22053 Datasheet HTML 5Page - Powerex Power Semiconductors PS22053 Datasheet HTML 6Page - Powerex Power Semiconductors PS22053 Datasheet HTML 7Page - Powerex Power Semiconductors PS22053 Datasheet HTML 8Page - Powerex Power Semiconductors PS22053 Datasheet HTML 9Page - Powerex Power Semiconductors PS22053 Datasheet HTML 10Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PS22053
Intellimod™ Module
Dual-In-Line Intelligent Power Module
10 Amperes/1200 Volts
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
6
Rev. 10/05
Protection Function Timing Diagrams
A1
A4
A5
A2
SC
A7
A3
SET
RESET
RC FILTER TIME
CONSISTANT DELAY
SC REFERENCE VOLTAGE
A6
A8
LOWER-SIDE
CONTROL INPUT
PROTECTION
CIRCUIT STATE
INTERNAL IGBT GATE
OUTPUT CURRENT IC
SENSE VOLTAGE ON
THE SHUNT RESISTOR
FAULT OUTPUT FO
Short-Circuit Protection (N-side only, with external shunt resistor and CR filter)
A1: Normal operation – IGBT turn on and conducting current.
A2: Short-circuit current detected (SC trigger).
A3: IGBT gate hard interrupted.
A4: IGBT turn off.
A5: FO output with a fixed pulse width (determined by the external capacitance CFO).
A6: Input “L” – IGBT off.
A7: Input “H” – IGBT on is blocked during the FO output period.
A8: IGBT stays in off state.
B1
B4
B5
B2
UVDt
B7
B3
SET
RESET
RESET
UVDr
B6
CONTROL INPUT
PROTECTION
CIRCUIT STATE
CONTROL SUPPLY
VOLTAGE VD
OUTPUT CURRENT IC
FAULT OUTPUT FO
Under-Voltage Protection (N-side, UVD)
B1: Control supply voltage rise – After the voltage level reaches UVDr, the drive circuit begins to work
at the rising edge of the next input signal.
B2 : Normal operation – IGBT turn on and conducting current.
B3: Under-voltage trip (UVDt).
B4: IGBT turn off regardless of the control input level.
B5: FO asserted during the period from minimum pulse width or until control supply recover to UVDr.
B6: Under-voltage reset (UVDr).
B7: Normal operation – IGBT turn on and conducting current.


Similar Part No. - PS22053

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22053 MITSUBISHI-PS22053 Datasheet
127Kb / 9P
   1200V/10A low-loss 4th generation IGBT inverter bridge for 3 phase DC-to-AC power conversion
More results

Similar Description - PS22053

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21563 POWEREX-PS21563 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21563-PP POWEREX-PS21563-PP Datasheet
346Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21963 POWEREX-PS21963 Datasheet
365Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21353-G POWEREX-PS21353-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21553-G POWEREX-PS21553-G Datasheet
73Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21963-4 POWEREX-PS21963-4 Datasheet
974Kb / 10P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com