Part Name
         Description
NTE1494

 Integrated Circuit AM radio Receiver System ( 2 Page)


NTE
100% 
Zoom Out Zoom In
   
 2 page
background image
Symbol
Unit
Max
Typ
Min
Test Conditions
I1
4
5.5
I3
0.5
0.7
I4
10
17
mA
I12
8
13.5
Io
22.5
36.7
Electrical Characteristics−2: (VCC = 13V, fo = 1MHz. fm = 400Hz, 30% mod., TA = 25°C)
Symbol
Test Conditions
Min
Typ
Max
Unit
TH D
ANT. Input = 74dB
μ
0.3
1.1
%
T.H.D.
ANT.Input = 104dB
μ
0.3
1.1
%
V
ANT.Input = 34dB
μ
4
6.2
mV
Vn
ANT.Input=74dB
μ
0.55
1.1
mVrms
I9
ANT.Input=0dB
μ
See
10
15
μA
Q.S
(S+N)/N=30dB
See
Test
32
dB
μ
(S+N)/N
ANT. Input = 60dB
μ
Circuit
54
dB
(S+N)/N
ANT.Input=74dB
μ
54
dB
Vin max
T.H.D. = 1%
109
dB
μ
I9 max
ANT. Input=110dB
μ
165
μA
Tweet Rej.
ANT. Input = 60dB
μ
32
dB
Pin Connection Diagram
.260 (6.6) Max
16
9
18
.785 (19.9)
Max
.200 (5.08)
Max
.245
(6.22)
Min
.300
(7.62)
.700 (17.7)
.100 (2.54)
VCC
VCC
Detector Input
AGC Filter for
Tuning Meter Driver
IF Output
RF Input
OSC Output
RF Output
Mixer Input
Detector Output
AGC Filter
GND
OSC Input
Mixer Output 1
2
3
4
5
6
7
8
16
15
14
13
IF Input
12
11
10
9
RF Amp
1  2 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD12115MOS INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
BCM2048BLUETOOTH 2.0 + EDR SINGLE-CHIP HCI SOLUTION WITH INTEGRATED FM+RDS RADIO RECEIVER 1 2 Broadcom Corporation.
NTE1149Integrated Circuit FM Tuning System 1 2 NTE Electronics
UPB1009KLOW POWER GPS RF RECEIVER BIPOLAR ANALOG + INTEGRATED CIRCUIT 1 2 3 4 5 MoreCalifornia Eastern Labs
NTE1288Integrated Circuit Audio Power Amplifier 10W for Car Radio 1 2 NTE Electronics
TRF7960_07Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification RFID Analog Front End and Data Framing Reader System 1 2 3 4 5 MoreTexas Instruments
UTC9106LINEAR INTEGRATED CIRCUIT 1 2 3 List of Unclassifed Manufacturers
UM66TXXLMELODY INTEGRATED CIRCUIT 1 2 3 4 Unisonic Technologies
KA22682LINEAR INTEGRATED CIRCUIT ONE CHIP TV MPX DEMODULATER 1 2 3 4 5 MoreSamsung semiconductor
BD3508EKNSilicon monolithic integrated circuit 1ch Series Regulator Driver IC 1 2 3 4 5 MoreRohm

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl