|
| NTE1494 |
|
||
|
NTE |
|
1 page
NTE1494 Integrated Circuit AM radio Receiver System Features: D Excellent overload characteristics D Low harmonic distortion D Buffered output signal for tuning meter D Delayed AGC for RF amplifier D Low noise RF amplifier D Wide supply voltage range: 9 to 14V Absolute Maximum Ratings: (TA = +25°C unless otherwise specified) Supply Voltage, VCC 14V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Power Dissipation, PT* 550mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Ambient Temperature Range, Topr −20 ∼ +60°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg −55 ∼ +125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics: (VCC = 13V, TA = 25°C, unless otherwise specified) Symbol Test Conditions Min Typ Max Unit V12 − 12 − V1 − 11 − V3 − 11 − V4 − 11 − V2 − 2.8 − V5 − 5 − V6 − 9.4 − V7 − 2 − V V8 − 0.92 − V9 − 0.01 − V10 − 3.8 − V11 − 4.4 − V13 − 2.8 − V15 − 2.8 − V14 − 2.85 − |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPD12115 | MOS INTEGRATED CIRCUIT | 1 2 3 4 5 More | NEC |
| BCM2048 | BLUETOOTH 2.0 + EDR SINGLE-CHIP HCI SOLUTION WITH INTEGRATED FM+RDS RADIO RECEIVER | 1 2 | Broadcom Corporation. |
| NTE1149 | Integrated Circuit FM Tuning System | 1 2 | NTE Electronics |
| UPB1009K | LOW POWER GPS RF RECEIVER BIPOLAR ANALOG + INTEGRATED CIRCUIT | 1 2 3 4 5 More | California Eastern Labs |
| NTE1288 | Integrated Circuit Audio Power Amplifier 10W for Car Radio | 1 2 | NTE Electronics |
| TRF7960_07 | Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification RFID Analog Front End and Data Framing Reader System | 1 2 3 4 5 More | Texas Instruments |
| UTC9106 | LINEAR INTEGRATED CIRCUIT | 1 2 3 | List of Unclassifed Manufacturers |
| UM66TXXL | MELODY INTEGRATED CIRCUIT | 1 2 3 4 | Unisonic Technologies |
| KA22682 | LINEAR INTEGRATED CIRCUIT ONE CHIP TV MPX DEMODULATER | 1 2 3 4 5 More | Samsung semiconductor |
| BD3508EKN | Silicon monolithic integrated circuit 1ch Series Regulator Driver IC | 1 2 3 4 5 More | Rohm |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |