Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62262DRV Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62262DRV
Description  2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62262DRV Datasheet(HTML) 4 Page - Texas Instruments

  TPS62262DRV Datasheet HTML 1Page - Texas Instruments TPS62262DRV Datasheet HTML 2Page - Texas Instruments TPS62262DRV Datasheet HTML 3Page - Texas Instruments TPS62262DRV Datasheet HTML 4Page - Texas Instruments TPS62262DRV Datasheet HTML 5Page - Texas Instruments TPS62262DRV Datasheet HTML 6Page - Texas Instruments TPS62262DRV Datasheet HTML 7Page - Texas Instruments TPS62262DRV Datasheet HTML 8Page - Texas Instruments TPS62262DRV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
PIN ASSIGNMENTS
V
I
GND
EN
SW
FB
1
2
3
5
4
DDCPACKAGE
(TOP VIEW)
DRV PACKAGE
(TOPVIEW)
MODE
FB
GND
SW
EN
VIN
1
2
3
6
5
4
r
Po
w
e
P
A
D
FUNCTIONAL BLOCK DIAGRAM
Zero-Pole
AMP.
Integrator
Error Amp .
PFMComp.
+1% Voltagepositioning
PWM
Comp.
VREF
Control
Stage
GateDriver
Anti
Shoot-Through
Current
LimitComparator
Current
LimitComparator
VREF +1%
FB
FB
VIN
GND
MODE
2.25 MHz
Oscillator
SW1
EN
VIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6VVREF
Undervoltage
Lockout 1.8V
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
Int. Resistor
Network
FB
RI 1
RI..N
Mode
Onlyin 2x2SON
GND
TPS62260, TPS62261, TPS62262
SLVS763 – JUNE 2007
TERMINAL FUNCTIONS
TERMINAL
NO.
I/O
DESCRIPTION
NO.
NAME
SON
TSOT23-5
2x2-6
VIN
5
1
PWR
VIN power supply pin.
GND
6
2
PWR
GND supply pin
This is the enable pin of the device. Pulling this pin to low forces the device into shutdown
EN
4
3
I
mode. Pulling this pin to high enables the device. This pin must be terminated.
This is the switch pin and is connected to the internal MOSFET switches. Connect the
SW
1
4
OUT
external inductor between this terminal and the output capacitor.
Feedback Pin for the internal regulation loop. Connect the external resistor divider to this pin.
FB
3
5
I
In case of fixed output voltage option, connect this pin directly to the output capacitor
This pin is only available at SON package option. MODE pin = high forces the device to
MODE
2
I
operate in fixed frequency PWM mode. MODE pin = low enables the Power Save Mode with
automatic transition from PFM mode to fixed frequency PWM mode.
4
Submit Documentation Feedback


Similar Part No. - TPS62262DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62262DRVR TI-TPS62262DRVR Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVR TI-TPS62262DRVR Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62262DRVRG4 TI-TPS62262DRVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
More results

Similar Description - TPS62262DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62240 TI1-TPS62240_13 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com